Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-4100-300E Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-4100-300E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-4100-300E
Download  HCPL-4100-300E Download
File Size   477.35 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Optically Coupled 20 mA Current Loop Transmitter

HCPL-4100-300E Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-4100-300E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4100-300E
Download  HCPL-4100-300E Click to download

File Size   477.35 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Optically Coupled 20 mA Current Loop Transmitter

HCPL-4100-300E Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-4100-300E Product details

Description
The HCPL-4100 optocoupler is designed to operate as a transmitter in equipment using the 20 mA current loop. 20 mA current loop systems conventionally signal a logic high state by transmitting 20 mA of loop current (MARK), and signal a logic low state by allowing no more than a few milliamperes of loop current (SPACE). Optical coupling of the signal from the logic input to the 20 mA current loop breaks ground loops and provides very high immunity to common mode interference.

Features
• Guaranteed 20 mA loop parameters
• Data input compatible with LSTTL, TTL and CMOS Logic
• Internal shield for High Common Mode rejection
• 20 kBaud data rate at 400 metres line length
• Guaranteed On and Off output current levels
• Safety approval UL Recognized -3750 V rms for 1 minute CSA Approved
• Optically coupled 20 mA current loop receiver, HCPL-4200, also available

Applications
• Isolated 20 mA current loop transmitter in: Computer peripherals Industrial control equipment Data communications equipment




Similar Part No. - HCPL-4100-300E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
Optically Coupled 20 mA Optically Coupled 20 mA
HCPL-4100 HP-HCPL-4100 Datasheet
230Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100300 HP-HCPL-4100300 Datasheet
230Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100500 HP-HCPL-4100500 Datasheet
230Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
More results


Similar Description - HCPL-4100-300E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD693 AD-AD693 Datasheet
496Kb / 12P
Loop-Powered 4.20 mA Sensor Transmitter
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
Optically Coupled 20 mA Optically Coupled 20 mA
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
Optically Coupled 20 mA Current Loop Receiver
HCPL4200 HP-HCPL4200 Datasheet
460Kb / 12P
Optically Coupled 20 mA Current Loop Receiver
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200 AVAGO-HCPL-4200 Datasheet
473Kb / 13P
Optically Coupled 20 mA Current Loop Receiver
HCPL-4200-300 AVAGO-HCPL-4200-300 Datasheet
473Kb / 13P
Optically Coupled 20 mA Current Loop Receiver
logo
Analog Devices
AD693 AD-AD693_15 Datasheet
499Kb / 12P
Loop-Powered 4-20 mA Sensor Transmitter
REV. A
AD694 AD-AD694_15 Datasheet
163Kb / 16P
4-20 mA Transmitter
REV. B
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com