Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2141W Datasheet (PDF) - Diodes Incorporated

AP2141W Datasheet PDF - Diodes Incorporated
Part # AP2141W
Download  AP2141W Download
File Size   481.35 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH

AP2141W Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2141W Datasheet PDF - Diodes Incorporated

Part # AP2141W
Download  AP2141W Click to download

File Size   481.35 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH

AP2141W Datasheet (HTML) - Diodes Incorporated


AP2141W Product details

Description

The AP2141 and AP2151 are integrated high-side power switches optimized for Universal Serial Bus (USB) and other hot-swap applications. The family of devices complies with USB 2.0 and available with both polarities of Enable input. They offer current and thermal limiting and short circuit protection as well as controlled rise time and under-voltage lockout functionality. A 7ms deglitch capability on the open-drain Flag output prevents false  over-current reporting and does not require any external components.



Features

• Single USB port power switches

• Over-current and thermal protection

• 0.8A accurate current limiting

• Reverse Current Blocking

• 95mΩ on-resistance

• Input voltage range: 2.7V – 5.5V

• 0.6ms typical rise time 

• Very low shutdown current: 1uA (max)

• Fault report (FLG) with blanking time (7ms typ)

• ESD protection: 4KV HBM, 400V MM

• Active high (AP2151) or active low (AP2141) enable

• Ambient temperature range -40ºC to 85°C

• SOT25, SOP-8L, MSOP-8L-EP (Exposed Pad), and
DFN2018-6: Available in “Green” Molding Compound
(No Br, Sb)

• Lead Free Finish / RoHS Compliant (Note 1)

• UL Recognized, File Number E322375

• IEC60950-1 CB Scheme Certified



Applications

• Consumer electronics – LCD TV & Monitor, Game Machines

• Communications – Set-Top-Box, GPS, Smartphone

• Computing – Laptop, Desktop, Servers, Printers, Docking Station, HUB




Similar Part No. - AP2141W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
389Kb / 19P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
More results


Similar Description - AP2141W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2146 DIODES-AP2146 Datasheet
535Kb / 17P
0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2146/AP2156 Rev 1
AP2145 DIODES-AP2145 Datasheet
390Kb / 14P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2155 Rev. 1
AP2145 DIODES-AP2145_10 Datasheet
405Kb / 13P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32031 Rev. 2 - 2
AP2141_0906 DIODES-AP2141_0906 Datasheet
389Kb / 19P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2151 Rev. 6
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141SG-13 DIODES-AP2141SG-13 Datasheet
389Kb / 19P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2142SG-13 DIODES-AP2142SG-13 Datasheet
2Mb / 17P
0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com