Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2141W Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2141W
Description  0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2141W Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2141W Datasheet HTML 1Page - Diodes Incorporated AP2141W Datasheet HTML 2Page - Diodes Incorporated AP2141W Datasheet HTML 3Page - Diodes Incorporated AP2141W Datasheet HTML 4Page - Diodes Incorporated AP2141W Datasheet HTML 5Page - Diodes Incorporated AP2141W Datasheet HTML 6Page - Diodes Incorporated AP2141W Datasheet HTML 7Page - Diodes Incorporated AP2141W Datasheet HTML 8Page - Diodes Incorporated AP2141W Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP2141/ AP2151
Document number: DS31562 Rev. 7 - 2
2 of 17
www.diodes.com
March 2013
© Diodes Incorporated
AP2141/ AP2151
Typical Applications Circuit
0.1uF
IN
GND
EN
OUT
ON
120uF
Power Supply
2.7V to 5.5V
0.1uF
OFF
FLG
Load
10k
10uF
AP2151 Enable Active High
Available Options
Part Number
Channel
Enable Pin (EN)
Current Limit (typical)
Recommended Maximum Continuous Load Current
AP2141
1
Active Low
0.8A
0.5A
AP2151
1
Active High
0.8A
0.5A
Pin Descriptions
Pin
Name
Pin Number
Function
SO-8
MSOP-8EP
SOT25
U-DFN2018-6
GND
1
1
2
1
Ground
IN
2, 3
2, 3
5
2
Voltage Input Pin (all IN pins must be tied together externally).
EN
4
4
4
3
Enable Input. Active Low (AP2141) or Active High (AP2151).
FLG
5
5
3
4
Over-Current and Over-Temperature Fault Report.
Open-Drain Flag is Active Low When Triggered
OUT
6, 7
6, 7
1
5, 6
Voltage Output Pin (all OUT pins must be tied together externally).
NC
8
8
N/A
N/A
No internal connection; recommend tie to OUT pins
Exposed
Pad
—
Exposed
Pad
—
Exposed
Pad
Exposed Pad.
It should be externally connected to GND plane and thermal mass for
enhanced thermal impedance.
It should not be used as electrical ground conduction path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com