Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT869TA Datasheet (PDF) - Diodes Incorporated

FZT869TA Datasheet PDF - Diodes Incorporated
Part # FZT869TA
Download  FZT869TA Download
File Size   39.48 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR

FZT869TA Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT869TA Datasheet PDF - Diodes Incorporated

Part # FZT869TA
Download  FZT869TA Click to download

File Size   39.48 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR

FZT869TA Datasheet (HTML) - Diodes Incorporated


FZT869TA Product details

Features
• BVCEO > 25V
• IC = 7A High Continuous Collector Current
• ICM = 20A Peak Pulse Current
• Very Low Saturation Voltage VCE(SAT) < 110mV @ 1A
• RCE(SAT) = 36mΩ at 5A for a Low Equivalent On-Resistance
• hFE Specified Up to 20A for a High Gain Hold Up
• PTOT = 3W
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FZT869TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT869TA DIODES-FZT869TA Datasheet
454Kb / 7P
25V NPN HIGH CURRENT TRANSISTOR
Rev 4
More results


Similar Description - FZT869TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT857 ZETEX-FZT857_03 Datasheet
39Kb / 3P
SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
logo
Diodes Incorporated
FZT649 DIODES-FZT649 Datasheet
103Kb / 2P
SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FEBRUARY 1996
FZT653 DIODES-FZT653 Datasheet
108Kb / 2P
SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FEBRUARY 1995
FZT655 DIODES-FZT655 Datasheet
102Kb / 2P
SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FEBRUARY 1995
FZT849 DIODES-FZT849 Datasheet
72Kb / 3P
SOT223 NPN SILICON PLANAR HIGH CURRENT
JANUARY 1996
FZT851 DIODES-FZT851 Datasheet
64Kb / 3P
SOT223 NPN SILICON PLANAR HIGH CURRENT
OCTOBER 1995
FZT653TA DIODES-FZT653TA Datasheet
108Kb / 2P
SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FEBRUARY 1995
logo
List of Unclassifed Man...
FZT849TA ETC2-FZT849TA Datasheet
72Kb / 3P
SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
FZT968TA ETC2-FZT968TA Datasheet
109Kb / 2P
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) POWER TRANSISTOR
logo
Diodes Incorporated
FZT968 DIODES-FZT968_15 Datasheet
109Kb / 2P
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) POWER TRANSISTOR
OCTOBER 1995
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com