Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT653TA Datasheet (PDF) - Diodes Incorporated

FZT653TA Datasheet PDF - Diodes Incorporated
Part # FZT653TA
Download  FZT653TA Download
File Size   108.31 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR

FZT653TA Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT653TA Datasheet PDF - Diodes Incorporated

Part # FZT653TA
Download  FZT653TA Click to download

File Size   108.31 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR

FZT653TA Datasheet (HTML) - Diodes Incorporated


FZT653TA Product details

Features
• BVCEO > 100V
• IC = 3A High Continuous Current
• ICM = 6A Peak Pulse Current
• Low Saturation Voltage VCE(sat) < 300mV @ 1A
• Complementary PNP Type: FZT753
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)




Similar Part No. - FZT653TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT653TA DIODES-FZT653TA Datasheet
641Kb / 7P
100V NPN HIGH PERFORMANCE TRANSISTOR
Rev 7
logo
Inchange Semiconductor ...
FZT653TA ISC-FZT653TA Datasheet
289Kb / 3P
Silicon NPN Power Transistor
More results


Similar Description - FZT653TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT857 ZETEX-FZT857_03 Datasheet
39Kb / 3P
SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
logo
Diodes Incorporated
FZT458 DIODES-FZT458 Datasheet
53Kb / 1P
SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
JANUARY 1996
FZT649 DIODES-FZT649 Datasheet
103Kb / 2P
SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FEBRUARY 1996
FZT653 DIODES-FZT653 Datasheet
108Kb / 2P
SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FEBRUARY 1995
FZT655 DIODES-FZT655 Datasheet
102Kb / 2P
SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FEBRUARY 1995
FZT658 DIODES-FZT658 Datasheet
89Kb / 2P
SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
OCTOBER 1995
FZT751 DIODES-FZT751 Datasheet
121Kb / 5P
SOT223 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
Rev. 3 - 2 June 2010
FZT651 DIODES-FZT651_12 Datasheet
259Kb / 7P
60V NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 4
FZT869TA DIODES-FZT869TA Datasheet
39Kb / 2P
SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
JANUARY 1996
logo
List of Unclassifed Man...
FZT849TA ETC2-FZT849TA Datasheet
72Kb / 3P
SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com