Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT658 Datasheet (PDF) - Diodes Incorporated

FZT658 Datasheet PDF - Diodes Incorporated
Part # FZT658
Download  FZT658 Download
File Size   89.67 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR

FZT658 Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT658 Datasheet PDF - Diodes Incorporated

Part # FZT658
Download  FZT658 Click to download

File Size   89.67 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR

FZT658 Datasheet (HTML) - Diodes Incorporated


FZT658 Product details

Features
• BVCEO > 400V
• IC = 500mA High Continuous Current
• ICM = 1A Peak Pulse Current
• Low Saturation Voltage VCE(SAT) < 250mV @ 50mA
• hFE > 40 Specified up to 200mA for High Current Gain Hold-Up
• Complementary PNP Type: FZT758
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FZT658

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT658 ZETEX-FZT658 Datasheet
78Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT658 KEXIN-FZT658 Datasheet
38Kb / 2P
NPN Silicon Planar High Voltage Transistor
logo
Diodes Incorporated
FZT658 DIODES-FZT658 Datasheet
267Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 5
FZT658TA DIODES-FZT658TA Datasheet
267Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 5
FZT658 DIODES-FZT658_15 Datasheet
597Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 6
More results


Similar Description - FZT658

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFN36 ZETEX-BFN36 Datasheet
44Kb / 1P
SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BFN38 ZETEX-BFN38 Datasheet
45Kb / 1P
SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BFN39 ZETEX-BFN39 Datasheet
46Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BSP15 ZETEX-BSP15 Datasheet
45Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BSP20 ZETEX-BSP20 Datasheet
46Kb / 1P
SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FZT458 DIODES-FZT458 Datasheet
53Kb / 1P
SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
JANUARY 1996
FZT649 DIODES-FZT649 Datasheet
103Kb / 2P
SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FEBRUARY 1996
FZT653 DIODES-FZT653 Datasheet
108Kb / 2P
SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FEBRUARY 1995
FZT655 DIODES-FZT655 Datasheet
102Kb / 2P
SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FEBRUARY 1995
FZT653TA DIODES-FZT653TA Datasheet
108Kb / 2P
SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FEBRUARY 1995
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com