Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT658 Datasheet (PDF) - Diodes Incorporated

FZT658 Datasheet PDF - Diodes Incorporated
Part # FZT658
Download  FZT658 Download
File Size   267.28 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223

FZT658 Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT658 Datasheet PDF - Diodes Incorporated

Part # FZT658
Download  FZT658 Click to download

File Size   267.28 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223

FZT658 Datasheet (HTML) - Diodes Incorporated


FZT658 Product details

Features
• BVCEO > 400V
• IC = 500mA High Continuous Current
• ICM = 1A Peak Pulse Current
• Low Saturation Voltage VCE(SAT) < 250mV @ 50mA
• hFE > 40 Specified up to 200mA for High Current Gain Hold-Up
• Complementary PNP Type: FZT758
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FZT658

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT658 ZETEX-FZT658 Datasheet
78Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT658 KEXIN-FZT658 Datasheet
38Kb / 2P
NPN Silicon Planar High Voltage Transistor
logo
Diodes Incorporated
FZT658 DIODES-FZT658 Datasheet
89Kb / 2P
SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
OCTOBER 1995
FZT658 DIODES-FZT658_15 Datasheet
597Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 6
More results


Similar Description - FZT658

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT458TA DIODES-FMMT458TA Datasheet
429Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 6
FZT458TA DIODES-FZT458TA Datasheet
272Kb / 7P
400V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
DZTA42 DIODES-DZTA42_15 Datasheet
291Kb / 7P
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 6
FCX458 DIODES-FCX458_15 Datasheet
569Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 6
FZT458 DIODES-FZT458_15 Datasheet
420Kb / 7P
400V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 6
FZT558 DIODES-FZT558_15 Datasheet
546Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 4
FZT758 DIODES-FZT758_15 Datasheet
525Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 3
FZT658 DIODES-FZT658_15 Datasheet
597Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 6
DZT5551Q DIODES-DZT5551Q Datasheet
492Kb / 7P
160V NPN VOLTAGE TRANSISTOR IN SOT223
Rev 1
DZTA42Q DIODES-DZTA42Q Datasheet
468Kb / 7P
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com