Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90CAN32-15MT Datasheet (PDF) - ATMEL Corporation

AT90CAN32-15MT Datasheet PDF - ATMEL Corporation
Part # AT90CAN32-15MT
Download  AT90CAN32-15MT Download
File Size   5164.56 Kbytes
Page   431 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller

AT90CAN32-15MT Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90CAN32-15MT Datasheet PDF - ATMEL Corporation

Part # AT90CAN32-15MT
Download  AT90CAN32-15MT Click to download

File Size   5164.56 Kbytes
Page   431 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller

AT90CAN32-15MT Datasheet (HTML) - ATMEL Corporation


AT90CAN32-15MT Product details

Description
The AT90CAN32/64/128 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the AT90CAN32/64/128 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High-performance, Low-power AVR® 8-bit Microcontroller
• Advanced RISC Architecture
   – 133 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers + Peripheral Control Registers
   – Fully Static Operation
   – Up to 16 MIPS Throughput at 16 MHz
   – On-chip 2-cycle Multiplier
• Non volatile Program and Data Memories
   – 32K/64K/128K Bytes of In-System Reprogrammable Flash (AT90CAN32/64/128)
   • Endurance: 10,000 Write/Erase Cycles
   – Optional Boot Code Section with Independent Lock Bits
      • Selectable Boot Size: 1K Bytes, 2K Bytes, 4K Bytes or 8K Bytes
      • In-System Programming by On-Chip Boot Program (CAN, UART, ...)
      • True Read-While-Write Operation
   – 1K/2K/4K Bytes EEPROM (Endurance: 100,000 Write/Erase Cycles) (AT90CAN32/64/128)
   – 2K/4K/4K Bytes Internal SRAM (AT90CAN32/64/128)
   – Up to 64K Bytes Optional External Memory Space
   – Programming Lock for Software Security
• JTAG (IEEE std. 1149.1 Compliant) Interface
   – Boundary-scan Capabilities According to the JTAG Standard
   – Programming Flash (Hardware ISP), EEPROM, Lock & Fuse Bits
   – Extensive On-chip Debug Support
• CAN Controller 2.0A & 2.0B - ISO 16845 Certified (1)
   – 15 Full Message Objects with Separate Identifier Tags and Masks
   – Transmit, Receive, Automatic Reply and Frame Buffer Receive Modes
   – 1Mbits/s Maximum Transfer Rate at 8 MHz
   – Time stamping, TTC & Listening Mode (Spying or Autobaud)
• Peripheral Features
   – Programmable Watchdog Timer with On-chip Oscillator
   – 8-bit Synchronous Timer/Counter-0
      • 10-bit Prescaler
      • External Event Counter
      • Output Compare or 8-bit PWM Output
   – 8-bit Asynchronous Timer/Counter-2
      • 10-bit Prescaler
      • External Event Counter
      • Output Compare or 8-Bit PWM Output
      • 32Khz Oscillator for RTC Operation
   – Dual 16-bit Synchronous Timer/Counters-1 & 3
      • 10-bit Prescaler
      • Input Capture with Noise Canceler
      • External Event Counter
      • 3-Output Compare or 16-Bit PWM Output
      • Output Compare Modulation
   – 8-channel, 10-bit SAR ADC
      • 8 Single-ended Channels
      • 7 Differential Channels
      • 2 Differential Channels With Programmable Gain at 1x, 10x, or 200x
   – On-chip Analog Comparator
   – Byte-oriented Two-wire Serial Interface
   – Dual Programmable Serial USART
   – Master/Slave SPI Serial Interface
      • Programming Flash (Hardware ISP)
• Special Microcontroller Features
   – Power-on Reset and Programmable Brown-out Detection
   – Internal Calibrated RC Oscillator
   – 8 External Interrupt Sources
   – 5 Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down & Standby
   – Software Selectable Clock Frequency
   – Global Pull-up Disable
• I/O and Packages
   – 53 Programmable I/O Lines
   – 64-lead TQFP and 64-lead QFN
• Operating Voltages: 2.7 - 5.5V
• Operating temperature: Automotive (-40°C to +125°C)
• Maximum Frequency: 8 MHz at 2.7V, 16 MHz at 4.5V




Similar Part No. - AT90CAN32-15MT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN32-16AI ATMEL-AT90CAN32-16AI Datasheet
518Kb / 16P
Microcontroller with 32/64k Bytes of ISP Flash and CAN Controller
AT90CAN32-16AI ATMEL-AT90CAN32-16AI Datasheet
273Kb / 16P
Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90CAN32-16AI ATMEL-AT90CAN32-16AI Datasheet
496Kb / 17P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90CAN32-16AU ATMEL-AT90CAN32-16AU Datasheet
518Kb / 16P
Microcontroller with 32/64k Bytes of ISP Flash and CAN Controller
AT90CAN32-16AU ATMEL-AT90CAN32-16AU Datasheet
273Kb / 16P
Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
More results


Similar Description - AT90CAN32-15MT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN128 ATMEL-AT90CAN128 Datasheet
461Kb / 15P
8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller
MEGA128CAN ATMEL-MEGA128CAN Datasheet
5Mb / 413P
Microcontroller WITH 128K BYTES OF ISP FLASH AND CAN CONTROLLER
AT90CAN32 ATMEL-AT90CAN32 Datasheet
518Kb / 16P
Microcontroller with 32/64k Bytes of ISP Flash and CAN Controller
AT90CAN32 ATMEL-AT90CAN32_06 Datasheet
273Kb / 16P
Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
ATMEGA16U4 ATMEL-ATMEGA16U4 Datasheet
598Kb / 23P
8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
AT90CAN32 ATMEL-AT90CAN32_08 Datasheet
496Kb / 17P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
ATMEGA32U6 ATMEL-ATMEGA32U6 Datasheet
4Mb / 459P
8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_1 Datasheet
6Mb / 408P
8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
733Kb / 26P
8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA8U2 ATMEL-ATMEGA8U2_1 Datasheet
353Kb / 21P
8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com