Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1671 Datasheet (PDF) - Analog Devices

AD1671 Datasheet PDF - Analog Devices
Part # AD1671
Download  AD1671 Download
File Size   397.4 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit 1.25 MSPS Monolithic A/D Converter

AD1671 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1671 Datasheet PDF - Analog Devices

Part # AD1671
Download  AD1671 Click to download

File Size   397.4 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit 1.25 MSPS Monolithic A/D Converter

AD1671 Datasheet (HTML) - Analog Devices


AD1671 Product details

PRODUCT DESCRIPTION
The AD1671 is a monolithic 12-bit, 1.25 MSPS analog-to-digital converter with an on-board, high performance sampleand-hold amplifier (SHA) and voltage reference. The AD1671 guarantees no missing codes over the full operating temperature range.
   
FEATURES
    Conversion Time: 800 ns
    1.25 MHz Throughput Rate
    Complete: On-Chip Sample-and-Hold Amplifier and
        Voltage Reference
    Low Power Dissipation: 570 mW
    No Missing Codes Guaranteed
    Signal-to-Noise Plus Distortion Ratio
        fIN = 100 kHz: 70 dB
    Pin Configurable Input Voltage Ranges
    Twos Complement or Offset Binary Output Data
    28-Pin DIP and 28-Pin Surface Mount Package
    Out of Range Indicator
   




Similar Part No. - AD1671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1671 AD-AD1671 Datasheet
201Kb / 7P
12-Bit A/D Converter
AD1671 AD-AD1671_15 Datasheet
397Kb / 16P
Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
AD1671 AD-AD1671_17 Datasheet
201Kb / 7P
12-Bit A/D Converter
More results


Similar Description - AD1671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9241 AD-AD9241 Datasheet
495Kb / 24P
Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV.0
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9241ASZ AD-AD9241ASZ Datasheet
497Kb / 24P
Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD871 AD-AD871_15 Datasheet
382Kb / 16P
Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD1671 AD-AD1671_15 Datasheet
397Kb / 16P
Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9241 AD-AD9241_15 Datasheet
497Kb / 24P
Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9241 AD-AD9241_17 Datasheet
530Kb / 25P
Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com