Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9353 Datasheet (PDF) - Analog Devices

AD9353 Datasheet PDF - Analog Devices
Part # AD9353
Download  AD9353 Download
File Size   97.52 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description WiMAX RF MxFE Transceiver

AD9353 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9353 Datasheet PDF - Analog Devices

Part # AD9353
Download  AD9353 Click to download

File Size   97.52 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description WiMAX RF MxFE Transceiver

AD9353 Datasheet (HTML) - Analog Devices


AD9353 Product details

GENERAL DESCRIPTION
The AD9353 is a fully integrated transceiver for IEEE 802.16 WiMAX wireless network systems. The RF MxFE® combines the RF front end with mixed-signal baseband enabling an easy-to-use digital interface to the baseband ASIC or FPGA. The AD9353 operates in the 3.3 GHz to 3.8 GHz range covering most of the licensed and unlicensed bands. Channel bandwidths of 3.5 MHz, 4.375 MHz, 5 MHz, 7 MHz, 8.75 MHz, 10 MHz, 14 MHz, 17.5 MHz, and 20 MHz are supported.

FEATURES
   RF transceiver with integrated ADCs and DACs
   IEEE 802.16 WiMAX
   3.3 GHz to 3.8 GHz
   3.5 MHz < BW < 20 MHz
   Superior receiver sensitivity with NF 3.2 dB
   Highly linear and spectrally pure transmitter
   Tx EVM: −36 dB
   SNR > 134 dB/Hz at fOFFSET > 22 MHz
   Tx power control
   Range: 0 dB to 58 dB
   Resolution: 0.25 dB
   Autonomous AGC and Tx power control
   Automatic frequency correction < 0.012 ppm
   Integrated fractional-N synthesizer
   8 Hz LO step size
   Integrated phase noise < 0.8°rms
  
APPLICATIONS
   WiMAX/BWA




Similar Part No. - AD9353

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9353 AD-AD9353 Datasheet
96Kb / 2P
WiMAX RF MxFE Transceiver
AD9353 AD-AD9353_15 Datasheet
97Kb / 2P
WiMAX RF
Rev. Sp0
More results


Similar Description - AD9353

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF535A ATMEL-AT86RF535A Datasheet
157Kb / 12P
WiMax Transceiver 802.16-2004
AT86RF535B ATMEL-AT86RF535B Datasheet
405Kb / 13P
3.5GHz WiMAX Transceiver
logo
Analog Devices
AD9352 AD-AD9352 Datasheet
91Kb / 2P
WiMAX/WiBro RF MxFE Transceiver
AD9353 AD-AD9353 Datasheet
96Kb / 2P
WiMAX RF MxFE Transceiver
AD9354 AD-AD9354 Datasheet
62Kb / 2P
WiMAX/WiBro RF MxFE MISO Transceiver
Rev. Sp0
AD9355 AD-AD9355 Datasheet
62Kb / 2P
WiMAX/WiBro RF MxFE MISO Transceiver
Rev. Sp0
AD9352-5 AD-AD9352-5 Datasheet
103Kb / 2P
WiMAX/WiBro RF MxFE Transceiver
Rev. Sp0
AD9352 AD-AD9352_15 Datasheet
103Kb / 2P
WiMAX/WiBro RF
Rev. Sp0
AD9353 AD-AD9353_15 Datasheet
97Kb / 2P
WiMAX RF
Rev. Sp0
logo
Transko Electronics, In...
TA2345GM TRANSKO-TA2345GM Datasheet
441Kb / 4P
WIMAX, RF SAW Filter
Revision 0: October 2010
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com