Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C196CB Datasheet (PDF) - Intel Corporation

87C196CB Datasheet PDF - Intel Corporation
Part # 87C196CB
Download  87C196CB Download
File Size   1095.34 Kbytes
Page   36 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0

87C196CB Datasheet (PDF)

Go To PDF Page Download Datasheet
87C196CB Datasheet PDF - Intel Corporation

Part # 87C196CB
Download  87C196CB Click to download

File Size   1095.34 Kbytes
Page   36 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0

87C196CB Datasheet (HTML) - Intel Corporation


87C196CB Product details

Introduction

The 87C196CB - Automotive is a member of the MCS® 96 microcontroller family. This device is based upon the MCS 96 Kx/Jx microcontroller product families with enhancements ideal for automotive and industrial applications.



Product Features

■ –40°C to +125°C Ambient

■ High Performance CHMOS 16-Bit CPU

■ Up to 56 Kbytes of On-Chip EPROM

■ Up to 1.5 Kbyte of On-Chip Register RAM

■ Up to 512 Bytes of Additional RAM (Code RAM)

■ Register-Register Architecture

■ 8 Channel/10-Bit A/D with Sample/Hold

■ 38 Prioritized Interrupts

■ Up to Seven 8-Bit (56) I/O Ports

■ Full Duplex Serial I/O Port with Dedicated Baud Rate Generator

■ Interprocessor Communication Slave Port

■ Oscillator Fail Detection Circuitry

■ 15 Message Objects of 8 Bytes Data Length

■ Up to 16 Mbyte Linear Address Space

■ High Speed Peripheral Transaction Server (PTS)

■ Two Dedicated 16-Bit High-Speed Compare Registers

■ 10 High Speed Capture/Compare (EPA)

■ Full Duplex Synchronous Serial I/O Port (SSIO)

■ Two Flexible 16-Bit Timer Counters

■ Flexible 8-/16-Bit External Bus (Programmable)

■ Programmable Bus (HLD/HLDA)

■ 1.4 µs 16 x 16 Multiply

■ 2.4 µs 32/16 Divide

■ 20 MHz Operation1

■ Supports CAN (Controller Area Network) Specification 2.0



 




Similar Part No. - 87C196CB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196CB INTEL-87C196CB Datasheet
453Kb / 33P
ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
More results


Similar Description - 87C196CB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
CHMOS 16-BIT MICROCONTROLLER
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
CHMOS 16-BIT MICROCONTROLLER
87C196CA INTEL-87C196CA Datasheet
453Kb / 33P
ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
87C196KR INTEL-87C196KR Datasheet
324Kb / 25P
ADVANCED 16-BIT CHMOS MICROCONTROLLER
87C196KT INTEL-87C196KT Datasheet
428Kb / 34P
ADVANCED 16-BIT CHMOS MICROCONTROLLER
87C196LA INTEL-87C196LA Datasheet
309Kb / 21P
CHMOS 16-BIT MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
CHMOS 16-BIT MICROCONTROLLER
8XC196KB INTEL-8XC196KB Datasheet
247Kb / 17P
ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
CHMOS 16-Bit Microcontroller
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com