Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB11961 Datasheet (PDF) - ON Semiconductor

LB11961 Datasheet PDF - ON Semiconductor
Part # LB11961
Download  LB11961 Download
File Size   84.05 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single-Phase Full-Wave Fan Motor Driver

LB11961 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB11961 Datasheet PDF - ON Semiconductor

Part # LB11961
Download  LB11961 Click to download

File Size   84.05 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single-Phase Full-Wave Fan Motor Driver

LB11961 Datasheet (HTML) - ON Semiconductor


LB11961 Product details

Overview
The LB11961 is a single-phase bipolar drive motor driver that easily implements direct PWM motor drive systems with excellent efficiency. The LB11961 is optimal for fan motor drive in personal computer power supply systems and CPU cooling fan systems.
   
Features
• Single-phase full-wave drive (16V, 1.0A transistors are built in)
• Built-in variable speed function controlled by a thermistor input
    The LB11961 can implement quiet, low-vibration variable speed control
    using externally clocked high side transistor
    direct PWM drive.
• Built-in regenerative diode (Di); only requires a minimal number of
    external components.
• Built-in HB
• Minimum speed setting pin (allows full-speed mode operation at startup)
• Operates in full-speed mode when the thermistor is removed.
• Built-in lock protection and automatic recovery circuits
• FG (speed detection) and RD (lock detection) outputs
• Built-in thermal shutdown circuit
   




Similar Part No. - LB11961

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11961 SANYO-LB11961 Datasheet
119Kb / 7P
Single-Phase Full-Wave Fan Motor Driver
logo
ARTSCHIP ELECTRONICS CO...
LB11961 ARTSCHIP-LB11961 Datasheet
111Kb / 6P
Monolithic Digital IC LB11961-Single-Phase Full-Wave Fan Motor Driver
logo
Sanyo Semicon Device
LB11961V SANYO-LB11961V Datasheet
110Kb / 7P
Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LB11961V ONSEMI-LB11961V Datasheet
76Kb / 7P
Single-Phase Full-Wave
May, 2013
More results


Similar Description - LB11961

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1964T SANYO-LB1964T Datasheet
35Kb / 4P
Fan Motor Single-Phase Full-Wave Driver
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
Fan Motor Single-Phase Full-Wave Driver
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
LB11961 SANYO-LB11961 Datasheet
119Kb / 7P
Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
May, 2013
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com