Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6201 Datasheet (PDF) - STMicroelectronics

L6201 Datasheet PDF - STMicroelectronics
Part # L6201
Download  L6201 Download
File Size   6993.95 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DMOS FULL BRIDGE DRIVER

L6201 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6201 Datasheet PDF - STMicroelectronics

Part # L6201
Download  L6201 Click to download

File Size   6993.95 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DMOS FULL BRIDGE DRIVER

L6201 Datasheet (HTML) - STMicroelectronics


L6201 Product details

DESCRIPTION
The I.C. is a full bridge driver for motor control applications realized in Multipower-BCD technology which combines isolated DMOS power transistors with CMOS and Bipolar circuits on the same chip.
By using mixed technology it has been possible to optimize the logic circuitry and the power stage to achieve the best possible performance. The DMOS output transistors can operate at supply voltages up to 42V and efficiently at high switching speeds. All the logic inputs are TTL, CMOS and µC compatible. Each channel (half-bridge) of the device is controlled by a separate logic input, while a common enable controls both channels.
The I.C. is mounted in three different packages.

■ SUPPLY VOLTAGE UP TO 48V
■ 5A MAX PEAK CURRENT (2A max. for L6201)
■ TOTAL RMS CURRENT UP TO
   L6201: 1A; L6202: 1.5A; L6203/L6201PS: 4A
■ RDS (ON) 0.3 Ω (typical value at 25 °C)
■ CROSS CONDUCTION PROTECTION
■ TTL COMPATIBLE DRIVE
■ OPERATING FREQUENCY UP TO 100 KHz
■ THERMAL SHUTDOWN
■ INTERNAL LOGIC SUPPLY
■ HIGH EFFICIENCY




Similar Part No. - L6201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6201 STMICROELECTRONICS-L6201 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
L6201 STMICROELECTRONICS-L6201 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
L6201 STMICROELECTRONICS-L6201 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
L6201 STMICROELECTRONICS-L6201 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
July 2003
L6201013TR STMICROELECTRONICS-L6201013TR Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
More results


Similar Description - L6201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6226 STMICROELECTRONICS-L6226 Datasheet
404Kb / 22P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
logo
Integral Corp.
IL9001 INTEGRAL-IL9001 Datasheet
170Kb / 5P
DMOS FULL BRIDGE DRIVER
logo
Allegro MicroSystems
A3950 ALLEGRO-A3950_06 Datasheet
530Kb / 12P
DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_04 Datasheet
226Kb / 8P
DMOS Full-Bridge Motor Driver
logo
STMicroelectronics
L6205PD013TR STMICROELECTRONICS-L6205PD013TR Datasheet
400Kb / 21P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
E-L6203 STMICROELECTRONICS-E-L6203 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
L6201013TR STMICROELECTRONICS-L6201013TR Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
L6203 STMICROELECTRONICS-L6203 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
E-L6202 STMICROELECTRONICS-E-L6202 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
July 2003
L6226PDTR STMICROELECTRONICS-L6226PDTR Datasheet
533Kb / 31P
DMOS dual full bridge driver
21-Oct-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com