Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6201 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6201
Description  DMOS FULL BRIDGE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6201 Datasheet(HTML) 4 Page - STMicroelectronics

  L6201 Datasheet HTML 1Page - STMicroelectronics L6201 Datasheet HTML 2Page - STMicroelectronics L6201 Datasheet HTML 3Page - STMicroelectronics L6201 Datasheet HTML 4Page - STMicroelectronics L6201 Datasheet HTML 5Page - STMicroelectronics L6201 Datasheet HTML 6Page - STMicroelectronics L6201 Datasheet HTML 7Page - STMicroelectronics L6201 Datasheet HTML 8Page - STMicroelectronics L6201 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
THERMAL DATA
Symbol
Parameter
Value
Unit
L6201
L6201PS
L6202
L6203
Rth j-pins
Rth j-case
Rth j-amb
Thermal Resistance Junction-pins
max
Thermal Resistance Junction Case
max.
Thermal Resistance Junction-ambient
max.
15
85
13 (*)
12
60
3
35
°C/W
(*) Mounted on aluminium substrate.
ELECTRICAL CHARACTERISTICS (Refer to the Test Circuits; Tj = 25
°C, VS = 42V, Vsens = 0, unless
otherwise specified).
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
12
36
48
V
Vref
Reference Voltage
IREF = 2mA
13.5
V
IREF
Output Current
2mA
Is
Quiescent Supply Current
EN = H VIN = L
EN = H VIN = H
EN = L ( Fig. 1,2,3)
IL = 0
10
10
8
15
15
15
mA
mA
mA
fc
Commutation Frequency (*)
30
100
KHz
Tj
Thermal Shutdown
150
°C
Td
Dead Time Protection
100
ns
TRANSISTORS
OFF
IDSS
Leakage Current
Fig. 11 Vs = 52 V
1
mA
ON
RDS
On Resistance
Fig. 4,5
0.3
0.55
VDS(ON)
Drain Source Voltage
Fig. 9
IDS = 1A
IDS = 1.2A
IDS = 3A
L6201
L6202
L6201PS/0
3
0.3
0.36
0.9
V
V
V
Vsens
Sensing Voltage
– 1
4
V
SOURCE DRAIN DIODE
Vsd
Forward ON Voltage
Fig. 6a and b
ISD = 1A
L6201
EN = L
ISD = 1.2A L6202
EN = L
ISD = 3A
L6201PS/03
EN =
L
0.9 (**)
0.9 (**)
1.35(**)
V
V
V
trr
Reverse Recovery Time
dif
dt
= 25 A/
µs
IF = 1A
IF = 1.2A
IF = 3A
L6201
L6202
L6203
300
ns
tfr
Forward Recovery Time
200
ns
LOGIC LEVELS
VIN L, VEN L
Input Low Voltage
– 0.3
0.8
V
VIN H, VEN H
Input High Voltage
2
7
V
IIN L, IEN L
Input Low Current
VIN, VEN = L
–10
µA
IIN H, IEN H
Input High Current
VIN, VEN = H
30
µA
L6201 - L6202 - L6203
4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com