Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6562AT Datasheet (PDF) - STMicroelectronics

L6562AT Datasheet PDF - STMicroelectronics
Part # L6562AT
Download  L6562AT Download
File Size   492.16 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Transition-mode PFC controller

L6562AT Datasheet (PDF)

Go To PDF Page Download Datasheet
L6562AT Datasheet PDF - STMicroelectronics

Part # L6562AT
Download  L6562AT Click to download

File Size   492.16 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Transition-mode PFC controller

L6562AT Datasheet (HTML) - STMicroelectronics


L6562AT Product details

 Description
The L6562AT is a current-mode PFC controller operating in transition mode (TM). Coming with the same pin-out as its predecessors L6561 and L6562, it offers improved performance. The highly linear multiplier includes a special circuit, able to reduce AC input current distortion, that allows wide-range-mains operation with an extremely low THD, even over a large load range.

Features
■ Guaranteed for extreme temperature range (outdoor)
■ Proprietary multiplier design for minimum THD
■ Very accurate adjustable output overvoltage protection
■ Ultra-low (30 μA) start-up current
■ Low (2.5 mA) quiescent current
■ Digital leading-edge blanking on current sense
■ Disable function on E/A input
■ 1% (@ TJ= 25 °C) internal reference voltage
■ -600/+800 mA totem pole gate driver with active pull-down during UVLO and voltage clamp
■ DIP-8/SO-8 packages




Similar Part No. - L6562AT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562A STMICROELECTRONICS-L6562A Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
L6562AD STMICROELECTRONICS-L6562AD Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
L6562ADTR STMICROELECTRONICS-L6562ADTR Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
L6562AN STMICROELECTRONICS-L6562AN Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
More results


Similar Description - L6562AT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
12-Mar-2007
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
TRANSITION MODE PFC CONTROLLER
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
TRANSITION-MODE PFC CONTROLLER
Nov-2005
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
Transition Mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
TRANSITION MODE PFC CONTROLLER
logo
Diodes Incorporated
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
Transition Mode PFC LED Controller
Rev 2
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
Transition Mode PFC LED Controller
Rev 1-2
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
Advanced transition-mode PFC controller
19-Feb-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com