Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6562 Datasheet (PDF) - STMicroelectronics

L6562 Datasheet PDF - STMicroelectronics
Part # L6562
Download  L6562 Download
File Size   249.84 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRANSITION-MODE PFC CONTROLLER

L6562 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6562 Datasheet PDF - STMicroelectronics

Part # L6562
Download  L6562 Click to download

File Size   249.84 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRANSITION-MODE PFC CONTROLLER

L6562 Datasheet (HTML) - STMicroelectronics


L6562 Product details

Description
The L6562 is a current-mode PFC controller operating in Transition Mode (TM). Pin-to-pin compatible with the predecessor L6561, it offers improved performance.
The highly linear multiplier includes a special circuit, able to reduce AC input current distortion, that allows wide-range-mains operation with an extremely low THD, even over a large load range.
The output voltage is controlled by means of a voltage-mode error amplifier and a precise (1% @Tj = 25°C) internal voltage reference.
The device features extremely low consumption (≤70 µA before start-up and <4 mA running) and includes a disable function suitable for IC remote ON/OFF, which makes it easier to comply with energy saving norms (Blue Angel, EnergyStar, Energy2000, etc.).
An effective two-step OVP enables to safely handle overvoltages either occurring at start-up or resulting from load disconnection.
The totem-pole output stage, capable of 600 mA source and 800 mA sink current, is suitable for big MOSFET or IGBT drive which, combined with the other features, makes the device an excellent low-cost solution for EN61000-3-2 compliant SMPSs up to 300W.

Features
■ REALISED IN BCD TECHNOLOGY
■ TRANSITION-MODE CONTROL OF PFC PREREGULATORS
■ PROPRIETARY MULTIPLIER DESIGN FOR MINIMUM THD OF AC INPUT CURRENT
■ VERY PRECISE ADJUSTABLE OUTPUT OVERVOLTAGE PROTECTION
■ ULTRA-LOW (≤70µA) START-UP CURRENT
■ LOW (≤4 mA) QUIESCENT CURRENT
■ EXTENDED IC SUPPLY VOLTAGE RANGE
■ ON-CHIP FILTER ON CURRENT SENSE
■ DISABLE FUNCTION
■ 1% (@ Tj = 25 °C) INTERNAL REFERENCE VOLTAGE
■ -600/+800mA TOTEM POLE GATE DRIVER WITH UVLO PULL-DOWN AND VOLTAGE CLAMP
■ DIP-8/SO-8 PACKAGES ECOPACK®

APPLICATIONS
■ PFC PRE-REGULATORS FOR:
   – IEC61000-3-2 COMPLIANT SMPS (TV, DESKTOP PC, MONITOR) UP TO 300W
   – HI-END AC-DC ADAPTER/CHARGER
   – ENTRY LEVEL SERVER & WEB SERVER




Similar Part No. - L6562

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
L6562 INTERSIL-L6562 Datasheet
45Kb / 5P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
March 2001
logo
STMicroelectronics
L6562A STMICROELECTRONICS-L6562A Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
L6562AD STMICROELECTRONICS-L6562AD Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
L6562ADTR STMICROELECTRONICS-L6562ADTR Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
L6562AN STMICROELECTRONICS-L6562AN Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
More results


Similar Description - L6562

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
12-Mar-2007
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
TRANSITION MODE PFC CONTROLLER
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
Transition-mode PFC controller
04-Mar-2009
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
Transition Mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
TRANSITION MODE PFC CONTROLLER
logo
Diodes Incorporated
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
Transition Mode PFC LED Controller
Rev 2
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
Transition Mode PFC LED Controller
Rev 1-2
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
Advanced transition-mode PFC controller
19-Feb-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com