Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6562 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6562
Description  TRANSITION-MODE PFC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562 Datasheet(HTML) 4 Page - STMicroelectronics

  L6562 Datasheet HTML 1Page - STMicroelectronics L6562 Datasheet HTML 2Page - STMicroelectronics L6562 Datasheet HTML 3Page - STMicroelectronics L6562 Datasheet HTML 4Page - STMicroelectronics L6562 Datasheet HTML 5Page - STMicroelectronics L6562 Datasheet HTML 6Page - STMicroelectronics L6562 Datasheet HTML 7Page - STMicroelectronics L6562 Datasheet HTML 8Page - STMicroelectronics L6562 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
L6562
4/16
(1)
All parameters are in tracking
(2)
The multiplier output is given by:
(3)
Parameters guaranteed by design, functionality tested in production.
Gv
Voltage Gain
Open loop
60
80
dB
GB
Gain-Bandwidth Product
1
MHz
ICOMP
Source Current
VCOMP = 4V, VINV = 2.4 V
-2
-3.5
-5
mA
Sink Current
VCOMP = 4V, VINV = 2.6 V
2.5
4.5
mA
VCOMP
Upper Clamp Voltage
ISOURCE = 0.5 mA
5.3
5.7
6
V
Lower Clamp Voltage
ISINK = 0.5 mA
(1)
2.12.252.4
V
CURRENT SENSE COMPARATOR
ICS
Input Bias Current
VCS = 0
-1
µA
td(H-L)
Delay to Outpu
t
200
350
ns
VCS clamp Current sense reference clamp
VCOMP = Upper clamp
1.6
1.7
1.8
V
VCSoffset
Current sense offset
VMULT = 0
30
mV
VMULT = 2.5V
5
ZERO CURRENT DETECTOR
VZCDH
Upper Clamp Voltage
IZCD = 2.5 mA
5.0
5.7
6.5
V
VZCDL
Lower Clamp Voltage
IZCD = -2.5 mA
0.3
0.65
1
V
VZCDA
Arming Voltage
(positive-going edge)
(3)
2.1
V
VZCDT
Triggering Voltage
(negative-going edge)
(3)
1.6
V
IZCDb
Input Bias Current
VZCD = 1 to 4.5 V
2µA
IZCDsrc
Source Current Capability
-2.5
-5.5
mA
IZCDsnk
Sink Current Capability
2.5
mA
VZCDdis
Disable threshold
150
200
250
mV
VZCDen
Restart threshold
350
mV
IZCDres
Restart Current after Disable
30
75
µA
STARTER
tSTART
Start Timer period
75
130
300
µs
OUTPUT OVERVOLTAGE
IOVP
Dynamic OVP triggering current
35
40
45
µA
Hys
Hysteresis
(3)
30
µA
Static OVP threshold
(1)
2.12.252.4
V
GATE DRIVER
VOH
Dropout Voltage
IGDsource = 20 mA
22.6
IGDsource = 200 mA
2.5
3
V
VOL
IGDsink = 200 mA
0.9
1.9
V
tf
Voltage Fall Time
30
70
ns
tr
Voltage Rise Time
40
80
ns
VOclamp
Output clamp voltage
IGDsource = 5mA; Vcc = 20V
10
12
15
V
UVLO saturation
VCC = 0 to VCCon, Isink=10mA
1.1
V
Table 5. Electrical Characteristics (continued)
(Tj = -25 to 125°C, VCC = 12, CO = 1 nF; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
V
cs
KV
MUL T
V
CO MP
2.5
–
()
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com