Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6562 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6562
Description  TRANSITION-MODE PFC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6562 Datasheet HTML 8Page - STMicroelectronics L6562 Datasheet HTML 9Page - STMicroelectronics L6562 Datasheet HTML 10Page - STMicroelectronics L6562 Datasheet HTML 11Page - STMicroelectronics L6562 Datasheet HTML 12Page - STMicroelectronics L6562 Datasheet HTML 13Page - STMicroelectronics L6562 Datasheet HTML 14Page - STMicroelectronics L6562 Datasheet HTML 15Page - STMicroelectronics L6562 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
L6562
12/16
Table 8. EVAL6562N: No-load measurements
Figure 26. Line filter (not tested for EMI compliance) used for EVAL6562N evaluation
Vin (VAC)
Pin (W)
Vo (VDC)
∆Vo(Vpk-pk)
Po (W)
85
0.4
396.77
0.45
0
110
0.3
396.82
0.55
0
135
0.3
396.83
0.60
0
175 (*)
0.4
396.90
1.00
0
220 (*)
0.4
396.95
1.40
0
265 (*)
0.5
396.98
1.65
0
(*) Vcc = 12V supplied externally
to the AC
source
B82732
47 mH, 1.3A
EPCOS
B81133
470 nF, X2
EPCOS
to
EVAL6562N
B81133
680 nF, X2
EPCOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com