Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6562 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6562
Description  TRANSITION-MODE PFC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6562 Datasheet HTML 3Page - STMicroelectronics L6562 Datasheet HTML 4Page - STMicroelectronics L6562 Datasheet HTML 5Page - STMicroelectronics L6562 Datasheet HTML 6Page - STMicroelectronics L6562 Datasheet HTML 7Page - STMicroelectronics L6562 Datasheet HTML 8Page - STMicroelectronics L6562 Datasheet HTML 9Page - STMicroelectronics L6562 Datasheet HTML 10Page - STMicroelectronics L6562 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
L6562
Figure 14. Vcs clamp vs. Tj
Figure 15. Start-up timer vs. Tj
Figure 16. ZCD clamp levels vs. Tj
Figure 17. ZCD source capability vs. Tj
Figure 18. Gate-drive output low saturation
Figure 19. Gate-drive output high saturation
Tj (°C)
VCSx
(V)
-50
0
50
100
150
1
1.2
1.4
1.6
1.8
2
Vcc = 12 V
VCOMP= Upper clamp
Tj (°C)
Tstart
(µs)
-50
0
50
100
150
100
110
120
130
140
150
Vcc = 12 V
Tj (°C)
VZCD
(V)
-50
0
50
100
150
0
1
2
3
4
5
6
7
Vcc = 12 V
IZCD = ±2.5 mA
Upper clamp
Lower clamp
Tj (°C)
IZCDsrc
(mA)
-50
0
50
100
150
-8
-6
-4
-2
0
Vcc = 12 V
VZCD= lower clamp
Vpin7[V]
0
200
400
600
800
1,000
0
1
2
3
4
IGD[mA]
Tj = 25 °C
Vcc = 11 V
SINK
0
100
200
300
400
500
600
700
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
Vpin7[V]
IGD[mA]
Tj = 25 °C
Vcc = 11 V
SOURCE
Vcc - 2.0
Vcc - 2.5
Vcc - 3.0
Vcc - 3.5
Vcc - 4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com