Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD32C Datasheet (PDF) - Micro Commercial Components

MJD32C Datasheet PDF - Micro Commercial Components
Part # MJD32C
Download  MJD32C Download
File Size   590.29 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Silicon PNP epitaxial planer Transistors

MJD32C Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD32C Datasheet PDF - Micro Commercial Components

Part # MJD32C
Download  MJD32C Click to download

File Size   590.29 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Silicon PNP epitaxial planer Transistors

MJD32C Datasheet (HTML) - Micro Commercial Components


MJD32C Product details

Features
• Designed for General Purpose Amplifier and Low Speed
   Switching Applications
• Halogen Free Available Upon Request By Adding Suffix "-HF"
• Moisture Sensitivity Level 1
• Epoxy Meets UL 94 V-0 Flammability Rating
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS
   Compliant. See Ordering Information)

Maximum Ratings @ 25°C Unless Otherwise Specified
• Operating Junction Temperature Range: -65℃ to +150℃
• Storage Temperature Range: -65℃ to +150℃
• Thermal Resistance: 100℃/W Junction to Ambient




Similar Part No. - MJD32C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD32C ONSEMI-MJD32C Datasheet
150Kb / 6P
SILICON POWER TRANSISTORS
1998
logo
STMicroelectronics
MJD32C STMICROELECTRONICS-MJD32C Datasheet
65Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
May-1999
logo
Fairchild Semiconductor
MJD32C FAIRCHILD-MJD32C Datasheet
49Kb / 5P
General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD32C ONSEMI-MJD32C Datasheet
81Kb / 8P
Complementary Power Transistors
June, 2005 ??Rev. 6
logo
STMicroelectronics
MJD32C STMICROELECTRONICS-MJD32C Datasheet
173Kb / 9P
Low voltage PNP power transistor
25-Jun-2007
More results


Similar Description - MJD32C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
Silicon PNP(PNP) epitaxial planer transistor
XN04322 PANASONIC-XN04322 Datasheet
115Kb / 5P
Composite Transistors Silicon NPN epitaxial planer transistor (Tr1) Silicon PNP epitaxial planer transistor (Tr2)
logo
Micro Commercial Compon...
2SB1073-Q MCC-2SB1073-Q Datasheet
205Kb / 3P
Silicon PNP epitaxial planer Transistors
MJD127 MCC-MJD127 Datasheet
357Kb / 3P
Silicon PNP epitaxial planer Transistors
2SB1073-Q MCC-2SB1073-Q_13 Datasheet
219Kb / 3P
Silicon PNP epitaxial planer Transistors
BSR33 MCC-BSR33 Datasheet
287Kb / 2P
Silicon PNP epitaxial planer Transistors
MJD42C MCC-MJD42C Datasheet
372Kb / 2P
Silicon PNP epitaxial planer Transistors
MJD127 MCC-MJD127_13 Datasheet
373Kb / 3P
Silicon PNP epitaxial planer Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com