Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD32C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MJD32C
Description  Silicon PNP epitaxial planer Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MJD32C Datasheet(HTML) 1 Page - Micro Commercial Components

  MJD32C Datasheet HTML 1Page - Micro Commercial Components MJD32C Datasheet HTML 2Page - Micro Commercial Components MJD32C Datasheet HTML 3Page - Micro Commercial Components MJD32C Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon
PNP epitaxial planer
Transistors
Features
Maximum Ratings @ 25OC Unless Otherwise Specified
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
-100
V
VCBO
Collector-Base Voltage
-100
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-3
A
PC
Collector Dissipation
TJ
Operating Junction Temperature
150
TSTG
Storage Temperature
-65 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=-30mAdc, IB=0)
-100
---
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-1mAdc, IE=0)
-100
---
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=-1mAdc, IC=0)
-5
---
---
Vdc
ICEO
Collector Cutoff Current
(VCE=-60Vdc, IB=0)
---
---
-50
uAdc
IEBO
Emitter Cutoff Current
(VEB=-5Vdc, IC=0)
---
---
-1
mAdc
hFE
DC Current Gain
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-3Adc, IB=-0.375Adc) (note 1)
---
----
-1.2
Vdc
fT
Transition frequency
(VCE=-10Vdc,IC=-0.5Adc,fT=1KHz)
3
---
---
MHZ
Revision:
A
20
11/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
MJD
32C
ICES
Collector Cutoff Current
(VCE=-100Vdc, VEB=0)
(IC=-3Adc, VCE=-4Vdc)
VBE(on)
Base-Emitter Voltage
(IC=-3Adc, VCE=-4Vdc ) (note 1)
---
---
-1.8
Vdc
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS
Compliant. See ordering information)
•
Electrically similar to popular TIP32 Series
•
Designed for general purpose amplifier and low speed switching
applications.
1.25
W
---
---
-20
uAdc
(IC=-1Adc, VCE=-4Vdc)
25
10
---
50
---
---
1.
Pulse Test: PW≤300µs, Duty Cycle≤2%
Note:
Maximum Thermal Resistance: 100
oC/W Junction to Ambient
•
DIMENSIONS
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.087
0.094
2.20
2.40
B
0.000
0.005
0.00
0.13
C
0.026
0.034
0.66
0.86
D
0.018
0.023
0.46
0.58
E
0.256
0.264
6.50
6.70
F
0.201
0.215
5.10
5.46
G
0.190
4.83
H
0.236
0.244
6.00
6.20
J
0.386
0.409
9.80
10.40
PIN 1.
BASE
PIN 2.
COLLECTOR
PIN 3.
EMITTER
INCHES
O
0.043
0.051
1.10
1.30
Q
A
D
B
L
G
V
K
C
I
J
H
O
M
F
1
2
3
I
0.086
0.094
2.18
2.39
K
0.114
2.90
L
0.055
0.067
1.40
1.70
M
0.063
1.60
Q
0.000
0.012
0.00
0.30
V
0.211
5.35
DPAK
E
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - MJD32C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD32C ONSEMI-MJD32C Datasheet
150Kb / 6P
SILICON POWER TRANSISTORS
1998
logo
STMicroelectronics
MJD32C STMICROELECTRONICS-MJD32C Datasheet
65Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
May-1999
logo
Fairchild Semiconductor
MJD32C FAIRCHILD-MJD32C Datasheet
49Kb / 5P
General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD32C ONSEMI-MJD32C Datasheet
81Kb / 8P
Complementary Power Transistors
June, 2005 ??Rev. 6
logo
STMicroelectronics
MJD32C STMICROELECTRONICS-MJD32C Datasheet
173Kb / 9P
Low voltage PNP power transistor
25-Jun-2007
More results

Similar Description - MJD32C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
Silicon PNP(PNP) epitaxial planer transistor
XN04322 PANASONIC-XN04322 Datasheet
115Kb / 5P
Composite Transistors Silicon NPN epitaxial planer transistor (Tr1) Silicon PNP epitaxial planer transistor (Tr2)
logo
Micro Commercial Compon...
2SB1073-Q MCC-2SB1073-Q Datasheet
205Kb / 3P
Silicon PNP epitaxial planer Transistors
MJD127 MCC-MJD127 Datasheet
357Kb / 3P
Silicon PNP epitaxial planer Transistors
2SB1073-Q MCC-2SB1073-Q_13 Datasheet
219Kb / 3P
Silicon PNP epitaxial planer Transistors
BSR33 MCC-BSR33 Datasheet
287Kb / 2P
Silicon PNP epitaxial planer Transistors
MJD42C MCC-MJD42C Datasheet
372Kb / 2P
Silicon PNP epitaxial planer Transistors
MJD127 MCC-MJD127_13 Datasheet
373Kb / 3P
Silicon PNP epitaxial planer Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com