Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXBA Datasheet (PDF) - Panasonic Semiconductor

EXBA Datasheet PDF - Panasonic Semiconductor
Part # EXBA
Download  EXBA Download
File Size   112.41 Kbytes
Page   2 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Chip Resistor Networks High speed mounting using conventional placing machine

EXBA Datasheet (PDF)

Go To PDF Page Download Datasheet
EXBA Datasheet PDF - Panasonic Semiconductor

Part # EXBA
Download  EXBA Click to download

File Size   112.41 Kbytes
Page   2 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Chip Resistor Networks High speed mounting using conventional placing machine

EXBA Datasheet (HTML) - Panasonic Semiconductor


EXBA Product details

■ Features

● High density placing for digital signal circuits

· Bussed 8 or 15 resistors for pull up/down circuits

EXBD: 3.2 mm × 1.6 mm × 0.55 mm, 0.635 mm pitch

EXBE: 4.0 mm × 2.1 mm × 0.55 mm, 0.8 mm pitch

EXBA: 6.4 mm × 3.1 mm × 0.55 mm, 1.27 mm pitch

EXBQ: 3.8 mm × 1.6 mm × 0.45 mm, 0.5 mm pitch

· Available direct placing on the bus line by means of half pitch spacing without through-holes on PWB

(“High density placing” is shown below)

● High speed mounting using conventional placing machine

● Reference Standard…IEC 60115-9, JIS C 5201-9, EIAJ RC-2130

● RoHS compliant




Similar Part No. - EXBA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXB-14V PANASONIC-EXB-14V Datasheet
196Kb / 2P
Surface Mount Chip Resistors
EXB-18V PANASONIC-EXB-18V Datasheet
196Kb / 2P
Surface Mount Chip Resistors
EXB-24AT PANASONIC-EXB-24AT Datasheet
196Kb / 2P
Surface Mount Chip Resistors
EXB-24AT2AR3X PANASONIC-EXB-24AT2AR3X Datasheet
78Kb / 2P
Chip Attenuator
EXB-24V PANASONIC-EXB-24V Datasheet
196Kb / 2P
Surface Mount Chip Resistors
More results


Similar Description - EXBA

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR15 ROHM-MNR15 Datasheet
102Kb / 5P
Chip resistor networks
MNR35 ROHM-MNR35 Datasheet
97Kb / 5P
Chip resistor networks
MNR02 ROHM-MNR02_1 Datasheet
105Kb / 6P
Chip resistor networks
MNR18 ROHM-MNR18_1 Datasheet
107Kb / 5P
Chip resistor networks
MNR32 ROHM-MNR32_1 Datasheet
105Kb / 6P
Chip resistor networks
MNR34 ROHM-MNR34_1 Datasheet
107Kb / 6P
Chip resistor networks
logo
Panasonic Semiconductor
EXB-D10C562J PANASONIC-EXB-D10C562J Datasheet
112Kb / 2P
Chip Resistor Networks
EXB-Q16P472J PANASONIC-EXB-Q16P472J Datasheet
112Kb / 2P
Chip Resistor Networks
EXB-A10P333J PANASONIC-EXB-A10P333J Datasheet
118Kb / 2P
Chip Resistor Networks
EXB-A10E104J PANASONIC-EXB-A10E104J Datasheet
112Kb / 2P
Chip Resistor Networks
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com