Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXBA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EXBA
Description  Chip Resistor Networks High speed mounting using conventional placing machine
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXBA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EXBA Datasheet HTML 1Page - Panasonic Semiconductor EXBA Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Chip Resistor Networks
0.3±0.2
0.5±0.2
f0.3+0.1
–0.2
0.3±0.2
0.8±0.1
4.0±0.2
0.35±0.20
0.4±0.2
0.35±0.20
0.55±0.10
f0.3+0.1
–0.2
0.7±0.2
6.4±0.2
1.27±0.10
0.5±0.2
0.55±0.10
EXBA10E
EXBA10P
0.25±0.10
0.3±0.1
0.25±0.10
0.55±0.10
0.2±0.1
0.33±0.15
0.2±0.1
f0.2±0.1
3.20±0.15
0.635±0.10
0.15
+0.15
–0.05
0.15
+0.20
–0.05
0.3±0.1
0.2±0.1
3.8±0.2
0.5±0.1
0.45±0.10
10
987
2345
6
1
10
6
15
987
234
10
6
15
987
234
10
15
9
23
4
67
8
11
12
13
14
15
16
Protective coating
Thick film
resistive element
Electrode (Inner)
Electrode (Between)
Electrode (Outer)
Alumina substrate
Alumina substrate
Protective coating
Electrode
(Inner)
Thick film
resistive element
0
20
40
60
80
100
–60 –40 –20 0 20406080 100 120140160 180
–55 °C
70 °C
125 °C
Ambient Temperature (°C)
EXBD
EXBE
EXBA
EXBQ
Mass (Weight)[1000 pcs.] : 10 g
Mass (Weight)[1000 pcs.] : 16 g
Mass (Weight)[1000 pcs.] : 40 g
Mass (Weight)[1000 pcs.] : 9 g
EXBD, EXBE
EXBA
EXBQ
Item
Specifications
Series
EXBD
EXBE
EXBA
EXBQ
Resistance Range
47
Ω to 1 MΩ (E12)
100
Ω to 470 kΩ (E6 series)
Resistance Tolerance
±5%
Number of Terminals
10 terminals
16 terminals
Number of Resistors
8 element
15 element
Power Rating at 70 °C
0.05 W/element
0.063 W/element
0.025 W/element
Limiting Element Voltage
(1)
25V
50 V
25V
Maximum Overload Voltage
(2)
50 V
100 V
50 V
T. C. R.
±200
× 10–6/ °C
Category Temperature Range
–55 °C to +125 °C
EXBA10P
EXBA10E
■ Construction (Example : EXBD)
■ Dimensions in mm (not to scale)
■ Circuit Configuration
Power Derating Curve
For resistors operated in ambient temperature above
70 °C, power rating shall be derated in accordance
with the figure on the right.
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=√Power Rating
× Resistance Value, or Limiting Element Voltage
listed above, whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined
from SOTV=2.5
× RCWV
✽ or Maximum Overload Voltage listed above whichever less.
■ Ratings
Aug. 2012
01
37



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com