Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF587 Datasheet (PDF) - Motorola, Inc

MRF587 Datasheet PDF - Motorola, Inc
Part # MRF587
Download  MRF587 Download
File Size   155.93 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HIGH-FREQUENCY TRANSISTOR NPN SILICON

MRF587 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF587 Datasheet PDF - Motorola, Inc

Part # MRF587
Download  MRF587 Click to download

File Size   155.93 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HIGH-FREQUENCY TRANSISTOR NPN SILICON

MRF587 Datasheet (HTML) - Motorola, Inc


MRF587 Product details

The RF Line
NPN Silicon High-Frequency Transistor

. . . designed for use in high–gain, low–noise, ultra–linear, tuned and wideband amplifiers. Ideal for use in CATV, MATV, and instrumentation applications.

• Low Noise Figure —
   NF = 3.0 dB (Typ) @ f = 500 MHz, IC = 90 mA
• High Power Gain —
   GU(max) = 16.5 dB (Typ) @ f = 500 MHz
• Ion Implanted
• All Gold Metal System
• High fT — 5.5 GHz
• Low Intermodulation Distortion:
   TB3 = –70 dB
   DIN = 125 dB µV
• Nichrome Emitter Ballast Resistors




Similar Part No. - MRF587

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF587 MACOM-MRF587 Datasheet
136Kb / 8P
HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF587 MA-COM-MRF587 Datasheet
341Kb / 12P
The RF Line NPN Silicon High Frequency Transistor Noise Figure 3.0 dB@ 500MHz
logo
Advanced Semiconductor
MRF587 ASI-MRF587 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF587 MA-COM-MRF587 Datasheet
341Kb / 12P
The RF Line NPN Silicon High Frequency Transistor
MRF587 MA-COM-MRF587_15 Datasheet
859Kb / 12P
The RF Line NPN Silicon High Frequency Transistor
More results


Similar Description - MRF587

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
REV. A
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA810T CEL-UPA810T Datasheet
207Kb / 3P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
MRF586 ASI-MRF586 Datasheet
17Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6376 NJSEMI-2N6376 Datasheet
117Kb / 1P
NPN SILICON HIGH-FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA801T CEL-UPA801T_09 Datasheet
462Kb / 7P
NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA802T CEL-UPA802T_09 Datasheet
606Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM5943 CENTRAL-CM5943_15 Datasheet
97Kb / 2P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com