Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF587 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF587 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF587
Download  MRF587 Download
File Size   341.18 Kbytes
Page   12 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon High Frequency Transistor Noise Figure 3.0 dB@ 500MHz

MRF587 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF587 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF587
Download  MRF587 Click to download

File Size   341.18 Kbytes
Page   12 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon High Frequency Transistor Noise Figure 3.0 dB@ 500MHz

MRF587 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF587 Product details

The RF Line NPN Silicon High Frequency Transistor
Noise Figure 3.0 dB@ 500MHz

Designed for use in high–gain, low–noise, ultra–linear, tuned and wideband amplifiers. Ideal for use in CATV, MATV, and instrumentation applications.

• Low noise figure —
   NF = 3.0 dB (typ.) @ f = 500 MHz, IC = 90 mA
• High power gain —
   GU(max) = 16.5 dB (typ.) @ f = 500 MHz
• Ion implanted
• All gold metal system
• High fT — 5.5 GHz
• Low intermodulation distortion:
   TB3 = –70 dB
   DIN = 125 dB V
• Nichrome emitter ballast resistors




Similar Part No. - MRF587

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF587 MOTOROLA-MRF587 Datasheet
155Kb / 8P
HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF587 MACOM-MRF587 Datasheet
136Kb / 8P
HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF587 ASI-MRF587 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF587 MA-COM-MRF587 Datasheet
341Kb / 12P
The RF Line NPN Silicon High Frequency Transistor
MRF587 MA-COM-MRF587_15 Datasheet
859Kb / 12P
The RF Line NPN Silicon High Frequency Transistor
More results


Similar Description - MRF587

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR930L MOTOROLA-MMBR930L Datasheet
46Kb / 1P
The RF Line NPN Silicon High Frequency Transistor
MRF9011 MOTOROLA-MRF9011 Datasheet
475Kb / 7P
The Rf Line NPN Silicon High-Frequency Transistor
logo
List of Unclassifed Man...
BFR91 ETC1-BFR91 Datasheet
50Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
BFR91A ETC1-BFR91A Datasheet
42Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
BFR93A ETC1-BFR93A Datasheet
59Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
logo
M/A-COM Technology Solu...
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
MRF587 MA-COM-MRF587 Datasheet
341Kb / 12P
The RF Line NPN Silicon High Frequency Transistor
MRF313 MA-COM-MRF313_15 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
MRF313 MA-COM-MRF313_17 Datasheet
493Kb / 5P
The RF Line NPN Silicon High-Frequency Transistor
MRF587 MA-COM-MRF587_17 Datasheet
859Kb / 13P
The RF Line NPN Silicon High Frequency Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com