Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1100 Datasheet (PDF) - 3M Electronics

1100 Datasheet PDF - 3M Electronics
Part # 1100
Download  1100 Download
File Size   303.42 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 1100 Series Disposable Ear Plugs

1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
1100 Datasheet PDF - 3M Electronics

Part # 1100
Download  1100 Click to download

File Size   303.42 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 1100 Series Disposable Ear Plugs

1100 Datasheet (HTML) - 3M Electronics


1100 Product details

Features
■ Metal Industry
■ Automotive
■ Textile
■ Construction Approvals: The 3M 1100/1110 Ear Plugs have been shown to meet the Basic Safety Requirements under Article 10 of the European Community Directive 89/686. These plugs are tested to EN352-2:2002 and are CE marked. Materials: The following materials are used in the production of the 3M 1100/1110 Ear Plugs:
■ Plugs – Polyurethane foam
■ Cord – Polyester Attenuation: Attenuation data for the 3M 1100/1110 Ear Plugs (according to EN24869-1) Information: A range of information must be provided on the packaging. The packaging of the 3M 1100/1110 Ear Plugs complies with the requirements of EN352-2:2002. A copy of this European standard can be purchased from your national standards body. Fitting Instructions: The plugs should be fi tted in accordance with the diagrams. Care should be taken to refi t the plug if it becomes dislodged through movement. Maintenance: These plugs are disposable and should be discarded after use. 3 1100 Series Disposable Ear Plugs Data Sheet 3M™ 1100 Foam Ear Plugs 3M™ 1110 Corded Foam Ear Plugs F (Hz) 63 125 250 500 1000 2000 4000 8000 Mf (dB) 30.0 33.1 36.3 38.4 38.7 39.7 48.3 44.4 sf (dB) 3.9 5.0 7.4 6.2 5.6 4.3 4.5 4.4 Mf-sf (dB) 26.1 28.1 28.9 32.2 33.1 35.4 43.8 40.0 SNR = 37dB H = 37dB M = 34dB L = 31dB
■ APVf (dB) = Mf -sf(dB)
■ Aircraft
■ Woodworking
■ Printing




Similar Part No. - 1100

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1100 XFMRS-1100 Datasheet
30Kb / 1P
RF WIDEBAND TRANSFORMERS
logo
List of Unclassifed Man...
1100 ETC2-1100 Datasheet
76Kb / 1P
KNOB
logo
3M Electronics
1100 3M-1100 Datasheet
28Kb / 2P
Vinyl Corrosion Protection Tape
logo
Ashcroft, Inc.
1100 ASHCROFT-1100 Datasheet
681Kb / 5P
1098 & 1100 Siphons
RevA_08-18
logo
HellermannTyton.
1100 HELLERMANNTYTON-1100 Datasheet
148Kb / 1P
Heat Shrinkable Moulded Shapes
October 2015
More results


Similar Description - 1100

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
MPS-200G JLWORLD-MPS-200G Datasheet
2Mb / 7P
Disposable Blood Pressure Sensor
logo
Freescale Semiconductor...
MPX2300DT1 FREESCALE-MPX2300DT1_10 Datasheet
63Kb / 5P
High Volume Pressure Sensor for Disposable Applications
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Tyco Electronics
2-1437542-2 MACOM-2-1437542-2 Datasheet
586Kb / 3P
700 SERIES AUGAT DIP SOCKETS, DISPOSABLE CARRIER
2-1437542-7 MACOM-2-1437542-7 Datasheet
586Kb / 3P
700 SERIES AUGAT DIP SOCKETS, DISPOSABLE CARRIER
2-1437542-9 MACOM-2-1437542-9 Datasheet
586Kb / 3P
700 SERIES AUGAT DIP SOCKETS, DISPOSABLE CARRIER
logo
Amphenol Corporation
62GB56T1626SN AMPHENOL-62GB56T1626SN Datasheet
1Mb / 22P
62 GB- Series Plugs
logo
List of Unclassifed Man...
11171 ETC2-11171 Datasheet
53Kb / 1P
Sticky Mats, Disposable
NPC-100 ETC2-NPC-100 Datasheet
149Kb / 4P
NovaSensor Disposable Medical Pressure Sensors
logo
Switchcraft, Inc.
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com