Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1100 Datasheet(PDF) 1 Page - 3M Electronics

Part # 1100
Description  1100 Series Disposable Ear Plugs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1100 Datasheet(HTML) 1 Page - 3M Electronics

  1100 Datasheet HTML 1Page - 3M Electronics 1100 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Main Features
:
• Soft disposable polyurethane foam ear plugs providing extra
comfort.
• The tapered shape is designed to adjust to most ear canals.
• They are made from soft hypo-allergenic material.
• The bright orange colour permits high visibility and makes
safety checks easier.
Applications:
The 3M 1100/1110 - Ear Plugs can be used in may industries
where harmful noise is present such as:
• Metal Industry
• Automotive
• Textile
• Construction
Approvals
:
The 3M 1100/1110 Ear Plugs have been shown to meet the Basic
Safety Requirements under Article 10 of the European Community
Directive 89/686.
These plugs are tested to EN352-2:2002 and are CE marked.
Materials
:
The following materials are used in the production of the 3M
1100/1110 Ear Plugs:
• Plugs – Polyurethane foam
• Cord – Polyester
Attenuation
:
Attenuation data for the 3M 1100/1110 Ear Plugs (according to
EN24869-1)
Information
:
A range of information must be provided on the packaging. The
packaging of the 3M 1100/1110 Ear Plugs complies with the
requirements of EN352-2:2002. A copy of this European standard
can be purchased from your national standards body.
Fitting Instructions
:
The plugs should be fitted in accordance with the diagrams. Care
should be taken to refit the plug if it becomes dislodged through
movement.
Maintenance
:
These plugs are disposable and should be discarded after use.
3
1100 Series
Disposable Ear Plugs
Data Sheet
3M™ 1100 Foam Ear Plugs
3M™ 1110 Corded Foam Ear Plugs
F (Hz)
63 125 250 500 1000 2000 4000 8000
Mf (dB)
30.0 33.1 36.3 38.4 38.7
39.7
48.3
44.4
sf (dB)
3.9
5.0
7.4
6.2
5.6
4.3
4.5
4.4
Mf-sf (dB) 26.1 28.1 28.9 32.2 33.1
35.4
43.8
40.0
SNR = 37dB H = 37dB
M = 34dB
L = 31dB
APVf (dB) = Mf -sf(dB)
• Aircraft
• Woodworking
• Printing


Similar Part No. - 1100

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1100 XFMRS-1100 Datasheet
30Kb / 1P
RF WIDEBAND TRANSFORMERS
logo
List of Unclassifed Man...
1100 ETC2-1100 Datasheet
76Kb / 1P
KNOB
logo
3M Electronics
1100 3M-1100 Datasheet
28Kb / 2P
Vinyl Corrosion Protection Tape
logo
Ashcroft, Inc.
1100 ASHCROFT-1100 Datasheet
681Kb / 5P
1098 & 1100 Siphons
RevA_08-18
logo
HellermannTyton.
1100 HELLERMANNTYTON-1100 Datasheet
148Kb / 1P
Heat Shrinkable Moulded Shapes
October 2015
More results

Similar Description - 1100

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
MPS-200G JLWORLD-MPS-200G Datasheet
2Mb / 7P
Disposable Blood Pressure Sensor
logo
Freescale Semiconductor...
MPX2300DT1 FREESCALE-MPX2300DT1_10 Datasheet
63Kb / 5P
High Volume Pressure Sensor for Disposable Applications
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Tyco Electronics
2-1437542-2 MACOM-2-1437542-2 Datasheet
586Kb / 3P
700 SERIES AUGAT DIP SOCKETS, DISPOSABLE CARRIER
2-1437542-7 MACOM-2-1437542-7 Datasheet
586Kb / 3P
700 SERIES AUGAT DIP SOCKETS, DISPOSABLE CARRIER
2-1437542-9 MACOM-2-1437542-9 Datasheet
586Kb / 3P
700 SERIES AUGAT DIP SOCKETS, DISPOSABLE CARRIER
logo
Amphenol Corporation
62GB56T1626SN AMPHENOL-62GB56T1626SN Datasheet
1Mb / 22P
62 GB- Series Plugs
logo
List of Unclassifed Man...
11171 ETC2-11171 Datasheet
53Kb / 1P
Sticky Mats, Disposable
NPC-100 ETC2-NPC-100 Datasheet
149Kb / 4P
NovaSensor Disposable Medical Pressure Sensors
logo
Switchcraft, Inc.
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com