Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBS102 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

EBS102 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # EBS102
Download  EBS102 Download
File Size   200.96 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 50V ~ 1000V1.0 Amp Silicon Bridge Rectifiers

EBS102 Datasheet (PDF)

Go To PDF Page Download Datasheet
EBS102 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # EBS102
Download  EBS102 Click to download

File Size   200.96 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 50V ~ 1000V1.0 Amp Silicon Bridge Rectifiers

EBS102 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


EBS102 Product details

FEATURES
● Ideal for printed circuit board
● Lead tin plated copper
● Reliable low cost construction utilizing molded plastic
   technique results in inexpensive product




Similar Part No. - EBS102

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
EBS101 SECOS-EBS101_15 Datasheet
235Kb / 2P
1.0 Amp Silicon Bridge Rectifiers
logo
Adam Technologies, Inc.
EBS10A ADAM-TECH-EBS10A Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBS10B ADAM-TECH-EBS10B Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBS10H ADAM-TECH-EBS10H Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBS10J ADAM-TECH-EBS10J Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
More results


Similar Description - EBS102

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N4001 SECOS-1N4001 Datasheet
331Kb / 2P
VOLTAGE 50V ~ 1000V 1.0 AMP Silicon Rectifiers
1N5391 SECOS-1N5391 Datasheet
232Kb / 2P
VOLTAGE 50V ~ 1000V 1.5 AMP Silicon Rectifiers
1N5400 SECOS-1N5400 Datasheet
258Kb / 2P
VOLTAGE 50V ~ 1000V 3.0 AMP Silicon Rectifiers
KBP1005G SECOS-KBP1005G Datasheet
207Kb / 2P
VOLTAGE 50V ~ 1000V 1.5 AMP Bridge Rectifiers
KBP2005G SECOS-KBP2005G Datasheet
157Kb / 2P
VOLTAGE 50V ~ 1000V 2 AMP Bridge Rectifiers
RS801G SECOS-RS801G Datasheet
101Kb / 2P
VOLTAGE 50V ~ 1000V 8.0 AMP Glass Passivated Bridge Rectifiers
4GBJ8005 SECOS-4GBJ8005 Datasheet
971Kb / 2P
Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
GBL005 SECOS-GBL005 Datasheet
790Kb / 2P
Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
TB151S SECOS-TB151S Datasheet
94Kb / 1P
Voltage 50V ~ 1000V 1.5 Amp Silicon Bridge Rectifiers
FDB101S SECOS-FDB101S Datasheet
192Kb / 2P
Voltage 50V ~ 1000V1.0 Amp Silicon Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com