Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK26LL Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SK26LL Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SK26LL
Download  SK26LL Download
File Size   215.04 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 60V 2.0 Amp Low VF Schottky Barrier Rectifiers

SK26LL Datasheet (PDF)

Go To PDF Page Download Datasheet
SK26LL Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SK26LL
Download  SK26LL Click to download

File Size   215.04 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 60V 2.0 Amp Low VF Schottky Barrier Rectifiers

SK26LL Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SK26LL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK26LL SECOS-SK26LL_15 Datasheet
215Kb / 2P
Low VF Schottky Barrier Rectifiers
More results


Similar Description - SK26LL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL22 TSC-SSL22_1 Datasheet
127Kb / 2P
2.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCD22 SECOS-SCD22 Datasheet
267Kb / 2P
VOLTAGE 20V ~ 60V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
SSCD204L SECOS-SSCD204L Datasheet
510Kb / 2P
2.0 AMP Low Vf Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SSL22 TSC-SSL22_10 Datasheet
378Kb / 2P
2.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SBL20H60RF SECOS-SBL20H60RF Datasheet
307Kb / 2P
VOLTAGE 60V 20.0 Amp Low VF Schottky Barrier Rectifiers
SK22AL SECOS-SK22AL_12 Datasheet
260Kb / 2P
Low VF & Low IR 2.0 Amp Surface Mount Schottky Barrier Rectifiers
SK22BL SECOS-SK22BL_12 Datasheet
288Kb / 2P
Low VF & Low IR 2.0 Amp Surface Mount Schottky Barrier Rectifiers
SK16FL SECOS-SK16FL Datasheet
1,002Kb / 2P
Voltage 60V Low VF Low IR 1.0 Amp Schottky Barrier Rectifiers
SK16JD SECOS-SK16JD Datasheet
186Kb / 2P
60V, 1A Low VF Schottky Barrier Rectifiers
SK56BL SECOS-SK56BL Datasheet
200Kb / 2P
5A, 60V Low VF Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com