Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK16JD Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SK16JD Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SK16JD
Download  SK16JD Download
File Size   186.67 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 60V, 1A Low VF Schottky Barrier Rectifiers

SK16JD Datasheet (PDF)

Go To PDF Page Download Datasheet
SK16JD Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SK16JD
Download  SK16JD Click to download

File Size   186.67 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 60V, 1A Low VF Schottky Barrier Rectifiers

SK16JD Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SK16JD

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SK16 MOSPEC-SK16 Datasheet
228Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Surge Components
SK16 SURGE-SK16 Datasheet
71Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere???
logo
Jinan Gude Electronic D...
SK16 JGD-SK16 Datasheet
299Kb / 4P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SK16 SSE-SK16 Datasheet
17Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
SK16 DCCOM-SK16 Datasheet
489Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SK16JD

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SBL1030 SIRECTIFIER-SBL1030 Datasheet
82Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1050CT SIRECTIFIER-SBL1050CT Datasheet
102Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1630PT SIRECTIFIER-SBL1630PT Datasheet
125Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1650PT SIRECTIFIER-SBL1650PT Datasheet
125Kb / 2P
Low VF Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SBL20H60RF SECOS-SBL20H60RF Datasheet
307Kb / 2P
VOLTAGE 60V 20.0 Amp Low VF Schottky Barrier Rectifiers
SK26LL SECOS-SK26LL Datasheet
215Kb / 2P
Voltage 60V 2.0 Amp Low VF Schottky Barrier Rectifiers
logo
Frontier Electronics.
SL12-MS FRONTIER-SL12-MS Datasheet
616Kb / 3P
1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
SL12-S FRONTIER-SL12-S Datasheet
534Kb / 3P
1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
logo
SeCoS Halbleitertechnol...
SK56BL SECOS-SK56BL Datasheet
200Kb / 2P
5A, 60V Low VF Schottky Barrier Rectifiers
SMPD1060L SECOS-SMPD1060L Datasheet
215Kb / 2P
60V, 10A Low VF Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com