Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA2736GR Datasheet (PDF) - Renesas Technology Corp

UPA2736GR Datasheet PDF - Renesas Technology Corp
Part # UPA2736GR
Download  UPA2736GR Download
File Size   205.61 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description P-channel MOSFET -30 V, -14 A, 7.0 m

UPA2736GR Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA2736GR Datasheet PDF - Renesas Technology Corp

Part # UPA2736GR
Download  UPA2736GR Click to download

File Size   205.61 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description P-channel MOSFET -30 V, -14 A, 7.0 m

UPA2736GR Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - UPA2736GR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
P-channel MOSFET
More results


Similar Description - UPA2736GR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC6679AZ FAIRCHILD-FDMC6679AZ Datasheet
305Kb / 7P
P-Channel PowerTrench짰 MOSFET -30 V, -20 A, 10 m廓
FDMS6673BZ FAIRCHILD-FDMS6673BZ Datasheet
283Kb / 7P
P-Channel PowerTrench짰 MOSFET -30 V, -28 A, 6.8 m?
logo
Renesas Technology Corp
UPA2815T1S RENESAS-UPA2815T1S Datasheet
189Kb / 7P
P-channel MOSFET-30 V, ??1 A, 11 m
UPA2739T1A RENESAS-UPA2739T1A Datasheet
149Kb / 7P
P-channel MOSFET -30 V, -85 A, 2.8 m
UPA2737GR RENESAS-UPA2737GR Datasheet
198Kb / 8P
P-channel MOSFET -30 V, -11 A, 13 m
UPA2735GR RENESAS-UPA2735GR Datasheet
188Kb / 8P
P-channel MOSFET -30 V, -16 A, 5.0 m
UPA2630T1R RENESAS-UPA2630T1R Datasheet
247Kb / 7P
P-CHANNEL MOSFET -12 V, -7.0 A, 28 m
UPA2600T1R RENESAS-UPA2600T1R Datasheet
245Kb / 7P
N-CHANNEL MOSFET 20 V, 7.0 A, 13.8 m
logo
Fairchild Semiconductor
FQPF47P06YDTU FAIRCHILD-FQPF47P06YDTU Datasheet
1Mb / 9P
P-Channel QFET짰 MOSFET -60 V, -30 A, 26 m廓
logo
ON Semiconductor
NVMFS5113PL ONSEMI-NVMFS5113PL_V01 Datasheet
189Kb / 7P
MOSFET ??Power, Single P-Channel -60 V, 14 m, -64 A
July, 2019 ??Rev. 3
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com