Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS5113PL Datasheet (PDF) - ON Semiconductor

NVMFS5113PL Datasheet PDF - ON Semiconductor
Part # NVMFS5113PL_V01
Download  NVMFS5113PL Download
File Size   189.03 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single P-Channel -60 V, 14 m, -64 A

NVMFS5113PL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFS5113PL Datasheet PDF - ON Semiconductor

Part # NVMFS5113PL_V01
Download  NVMFS5113PL Click to download

File Size   189.03 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single P-Channel -60 V, 14 m, -64 A

NVMFS5113PL Datasheet (HTML) - ON Semiconductor


NVMFS5113PL Product details

Features
• Low RDS(on) to Minimize Conduction Losses
• High Current Capability
• Avalanche Energy Specified
• NVMFS5113PLWF − Wettable Flanks Product
• NVM Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - NVMFS5113PL_V01

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
NVMFS5113PLT1G-TP TECHPUBLIC-NVMFS5113PLT1G-TP Datasheet
2Mb / 5P
P-Channel Enhancement Mode Power MOSFET
More results


Similar Description - NVMFS5113PL_V01

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT25P06 UTC-UTT25P06 Datasheet
150Kb / 3P
-60 V, -27.5 A P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR Datasheet
205Kb / 8P
P-channel MOSFET -30 V, -14 A, 7.0 m
logo
ON Semiconductor
NVTFS5C478NL ONSEMI-NVTFS5C478NL Datasheet
208Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTMFS6H848N ONSEMI-NTMFS6H848N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 9.4 m, 64 A
June, 2020-Rev. 2
NTMFS5113PL ONSEMI-NTMFS5113PL Datasheet
187Kb / 7P
Power MOSFET ??0 V, 14 m, ??4 A, Single P?묬hannel
October, 2018-Rev. 0
NTTFS5C478NL ONSEMI-NTTFS5C478NL Datasheet
207Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NVTFS9D6P04M8L ONSEMI-NVTFS9D6P04M8L Datasheet
226Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 9.5 m, -64 A
May, 2020 ??Rev. 4
NVMFS6H848N ONSEMI-NVMFS6H848N Datasheet
188Kb / 8P
MOSFET - Power, Single N-Channel 80 V, 9.4 m, 64 A
June, 2020 ??Rev. 2
NVMFS016N10MCL ONSEMI-NVMFS016N10MCL Datasheet
152Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 14 m, 46 A
September, 2021-Rev. 1
NVTFS6H850NL ONSEMI-NVTFS6H850NL Datasheet
195Kb / 7P
Power MOSFET 80 V, 8.6 m, 64 A, Single N-Channel
February, 2019 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com