Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT25P06 Datasheet (PDF) - Unisonic Technologies

UTT25P06 Datasheet PDF - Unisonic Technologies
Part # UTT25P06
Download  UTT25P06 Download
File Size   150.4 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -60 V, -27.5 A P-CHANNEL POWER MOSFET

UTT25P06 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT25P06 Datasheet PDF - Unisonic Technologies

Part # UTT25P06
Download  UTT25P06 Click to download

File Size   150.4 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -60 V, -27.5 A P-CHANNEL POWER MOSFET

UTT25P06 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UTT25P06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT25P06G-TA3-T UTC-UTT25P06G-TA3-T Datasheet
219Kb / 5P
P-CHANNEL POWER MOSFET
UTT25P06G-TF3-T UTC-UTT25P06G-TF3-T Datasheet
219Kb / 5P
P-CHANNEL POWER MOSFET
UTT25P06G-TM3-T UTC-UTT25P06G-TM3-T Datasheet
219Kb / 5P
P-CHANNEL POWER MOSFET
UTT25P06G-TN3-R UTC-UTT25P06G-TN3-R Datasheet
219Kb / 5P
P-CHANNEL POWER MOSFET
UTT25P06L-TA3-T UTC-UTT25P06L-TA3-T Datasheet
219Kb / 5P
P-CHANNEL POWER MOSFET
More results


Similar Description - UTT25P06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB25P06 ONSEMI-NTB25P06 Datasheet
56Kb / 6P
Power MOSFET -60 V, -27.5 A, P-Channel D2PAK
August, 2004 ??Rev. 2
logo
ACE Technology Co., LTD...
ACE9006M06P ACE-ACE9006M06P Datasheet
712Kb / 7P
P-Channel 60-V MOSFET
VER 1.1
logo
ON Semiconductor
NTMYS025N06CL ONSEMI-NTMYS025N06CL Datasheet
323Kb / 7P
Power MOSFET 60 V, 27.5 m, 21 A, Single N?묬hannel
March, 2019-Rev. 0
NVMFS5C680NL ONSEMI-NVMFS5C680NL Datasheet
186Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 ??Rev. 0
NVMFS5113PL ONSEMI-NVMFS5113PL_V01 Datasheet
189Kb / 7P
MOSFET ??Power, Single P-Channel -60 V, 14 m, -64 A
July, 2019 ??Rev. 3
NVMYS025N06CL ONSEMI-NVMYS025N06CL Datasheet
339Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0
NTB60N06 ONSEMI-NTB60N06 Datasheet
216Kb / 10P
MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0
logo
Nexperia B.V. All right...
BUK6Y33-60P NEXPERIA-BUK6Y33-60P Datasheet
247Kb / 13P
60 V, P-channel Trench MOSFET
21 January 2021
PMV100EPA NEXPERIA-PMV100EPA Datasheet
280Kb / 14P
60 V, P-channel Trench MOSFET
16 April 2020
PSMP033-60YE NEXPERIA-PSMP033-60YE Datasheet
274Kb / 15P
60 V, P-channel Trench MOSFET
13 January 2021
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com