Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT25P06 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT25P06
Description  -60 V, -27.5 A P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT25P06 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT25P06 Datasheet HTML 1Page - Unisonic Technologies UTT25P06 Datasheet HTML 2Page - Unisonic Technologies UTT25P06 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTT25P06
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-595.a
ABSOLUTE MAXIMUM RATINGS (TJ=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-60
V
Continuous
VGS
±15
V
Gate-Source Voltage
Non−Repetitive (tP≤10ms)
VGSM
±20
V
Continuous @ TA=25°C
ID
27.5
A
Drain Current
Pulsed (tP≤10µs)
IDM
80
A
Power Dissipation
@TA=25°C
PD
120
W
Avalanche Energy
(VDD=25V, VGS=10V, IL(PK)=20A, L=3mH, RG=25Ω)
EAS
600
mJ
Junction Temperature
TJ
+175
°C
Storage Temperature
TSTG
-55~+175
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. When surface mounted to an FR4 board using 1" pad size (Cu Area 1.127 in
2).
3. When surface mounted to an FR4 board using the minimum recommended pad size (Cu Area 0.412 in
2).
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
46.8 (Note 2)
Junction to Ambient
θJA
63.2 (Note 3)
°C/W
Junction to Case
θJC
1.25
°C/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com