Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXB0EID8 Datasheet (PDF) - Microchip Technology

RXB0EID8 Datasheet PDF - Microchip Technology
Part # RXB0EID8
Download  RXB0EID8 Download
File Size   1295.82 Kbytes
Page   92 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Stand-Alone CAN Controller with SPI Interface

RXB0EID8 Datasheet (PDF)

Go To PDF Page Download Datasheet
RXB0EID8 Datasheet PDF - Microchip Technology

Part # RXB0EID8
Download  RXB0EID8 Click to download

File Size   1295.82 Kbytes
Page   92 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Stand-Alone CAN Controller with SPI Interface

RXB0EID8 Datasheet (HTML) - Microchip Technology


RXB0EID8 Product details

Description
Microchip Technology’s MCP2515 is a stand-alone Controller Area Network (CAN) controller that implements the CAN specification, version 2.0B. It is capable of transmitting and receiving both standard and extended data and remote frames. The MCP2515 has two acceptance masks and six acceptance filters that are used to filter out unwanted messages, thereby reducing the host MCU’s overhead. The MCP2515 interfaces with microcontrollers (MCUs) via an industry standard Serial Peripheral Interface (SPI).

Features:
• Implements CAN V2.0B at 1 Mb/s:
   - 0 – 8 byte length in the data field
   - Standard and extended data and remote
      frames
• Receive Buffers, Masks and Filters:
   - Two receive buffers with prioritized message
      storage
   - Six 29-bit filters
   - Two 29-bit masks
• Data Byte Filtering on the First Two Data Bytes
   (applies to standard data frames)
• Three Transmit Buffers with Prioritization and
   Abort Features
• High-Speed SPI Interface (10 MHz):
   - SPI modes 0,0 and 1,1
• One-Shot mode Ensures Message Transmission
   is Attempted Only One Time
• Clock Out Pin with Programmable Prescaler:
   - Can be used as a clock source for other
      device(s)
• Start-of-Frame (SOF) Signal is Available for
   Monitoring the SOF Signal:
   - Can be used for time-slot-based protocols
      and/or bus diagnostics to detect early bus
      degradation
• Interrupt Output Pin with Selectable Enables
• Buffer Full Output Pins Configurable as:
- Interrupt output for each receive buffer
- General purpose output
• Request-to-Send (RTS) Input Pins Individually
   Configurable as:
   - Control pins to request transmission for each
      transmit buffer
   - General purpose inputs
• Low-Power CMOS Technology:
   - Operates from 2.7V – 5.5V
   - 5 mA active current (typical)
   - 1 µA standby current (typical) (Sleep mode)
• Temperature Ranges Supported:
   - Industrial (I): -40°C to +85°C
   - Extended (E): -40°C to +125°C




Similar Part No. - RXB0EID8

ManufacturerPart #DatasheetDescription
logo
RFE international
RXB RFE-RXB Datasheet
82Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RXB Series: Low ESR, High Temperature
logo
Surge Components
RXB SURGE-RXB Datasheet
1Mb / 2P
rohs compliance
logo
Tyco Electronics
RXB14005 MACOM-RXB14005 Datasheet
528Kb / 4P
Power PCB Relay
RXB14005C MACOM-RXB14005C Datasheet
528Kb / 4P
Power PCB Relay
RXB14012 MACOM-RXB14012 Datasheet
528Kb / 4P
Power PCB Relay
More results


Similar Description - RXB0EID8

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2510 MICROCHIP-MCP2510 Datasheet
993Kb / 76P
Stand-Alone CAN Controller with SPI Interface
2000 - 2001
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
Stand-Alone CAN Controller With SPI??Interface
2005
MCP2510 MICROCHIP-MCP2510_07 Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
ENC28J60 MICROCHIP-ENC28J60_06 Datasheet
1Mb / 96P
Stand-Alone Ethernet Controller with SPI Interface
2006
ENC28J60 MICROCHIP-ENC28J60_12 Datasheet
1Mb / 102P
Stand-Alone Ethernet Controller with SPI Interface
10/26/12
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515-E MICROCHIP-MCP2515-E Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com