Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2510 Datasheet (PDF) - Microchip Technology

MCP2510 Datasheet PDF - Microchip Technology
Part # MCP2510
Download  MCP2510 Download
File Size   993.37 Kbytes
Page   76 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Stand-Alone CAN Controller with SPI Interface

MCP2510 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP2510 Datasheet PDF - Microchip Technology

Part # MCP2510
Download  MCP2510 Click to download

File Size   993.37 Kbytes
Page   76 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Stand-Alone CAN Controller with SPI Interface

MCP2510 Datasheet (HTML) - Microchip Technology


MCP2510 Product details

Description

The Microchip Technology Inc. MCP2510 is a Full Controller Area Network (CAN) protocol controller implementing CAN specification V2.0 A/B. It supports CAN 1.2, CAN 2.0A, CAN 2.0B Passive, and CAN 2.0B Active versions of the protocol, and is capable of transmitting and receiving standard and extended messages. It is also capable of both acceptance filtering and message management. It includes three transmit buffers and two receive buffers that reduce the amount of microcontroller (MCU) management required. The MCU communication is implemented via an industry standard Serial Peripheral Interface (SPI) with data rates up to 5 Mb/s.



Features

• Implements Full CAN V2.0A and V2.0B at 1 Mb/s:

- 0 - 8 byte message length

- Standard and extended data frames

- Programmable bit rate up to 1 Mb/s

- Support for remote frames

- Two receive buffers with prioritized message storage

- Six full acceptance filters

- Two full acceptance filter masks

- Three transmit buffers with prioritization and abort features

- Loop-back mode for self test operation

• Hardware Features:

- High Speed SPI Interface (5 MHz at 4.5V I temp)

- Supports SPI modes 0,0 and 1,1

- Clock out pin with programmable prescaler

- Interrupt output pin with selectable enables

- ‘Buffer full’ output pins configureable as interrupt pins for each receive buffer or as general purpose digital outputs

- ‘Request to Send’ input pins configureable as control pins to request immediate message transmission for each transmit buffer or as general purpose digital inputs

- Low Power Sleep mode

• Low power CMOS technology:

- Operates from 3.0V to 5.5V

- 5 mA active current typical

- 10 µA standby current typical at 5.5V

• 18-pin PDIP/SOIC and 20-pin TSSOP packages

• Temperature ranges supported:

- Industrial (I): -40°C to +85°C

- Extended (E): -40°C to +125°C




Similar Part No. - MCP2510

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2510 MICROCHIP-MCP2510 Datasheet
703Kb / 80P
Stand-Alone CAN Controller with SPIInterface
12/08/06
MCP2510-/P MICROCHIP-MCP2510-/P Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
MCP2510-/SO MICROCHIP-MCP2510-/SO Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
MCP2510-/ST MICROCHIP-MCP2510-/ST Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
MCP2510-E/P MICROCHIP-MCP2510-E/P Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
More results


Similar Description - MCP2510

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
Stand-Alone CAN Controller With SPI??Interface
2005
MCP2510 MICROCHIP-MCP2510_07 Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
ENC28J60 MICROCHIP-ENC28J60_06 Datasheet
1Mb / 96P
Stand-Alone Ethernet Controller with SPI Interface
2006
ENC28J60 MICROCHIP-ENC28J60_12 Datasheet
1Mb / 102P
Stand-Alone Ethernet Controller with SPI Interface
10/26/12
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515-E MICROCHIP-MCP2515-E Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com