Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2510 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP2510
Description  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510 Datasheet(HTML) 4 Page - Microchip Technology

  MCP2510 Datasheet HTML 1Page - Microchip Technology MCP2510 Datasheet HTML 2Page - Microchip Technology MCP2510 Datasheet HTML 3Page - Microchip Technology MCP2510 Datasheet HTML 4Page - Microchip Technology MCP2510 Datasheet HTML 5Page - Microchip Technology MCP2510 Datasheet HTML 6Page - Microchip Technology MCP2510 Datasheet HTML 7Page - Microchip Technology MCP2510 Datasheet HTML 8Page - Microchip Technology MCP2510 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
MCP2510
DS21291C-page 4
Preliminary
 2000 Microchip Technology Inc.
FIGURE 1-2:
Typical System Implementation
TABLE 1-1:
Pin Descriptions
Name
DIP/
SOIC
Pin #
TSSOP
Pin #
I/O/P
Type
Description
TXCAN
11
O
Transmit output pin to CAN bus
RXCAN
22
I
Receive input pin from CAN bus
CLKOUT
33
O
Clock output pin with programmable prescaler
TX0RTS
44
I
Transmit buffer TXB0 request to send or general purpose digital input. -100K
TX1RTS
55
I
Transmit buffer TXB1 request to send or general purpose digital input. -100K
TX2RTS
67
I
Transmit buffer TXB2 request to send or general purpose digital input. -100K
OSC2
78
O
Oscillator output
OSC1
89
I
Oscillator input
VSS
910
P
Ground reference for logic and I/O pins
RX1BF
10
11
O
Receive buffer RXB1 interrupt pin or general purpose digital output
RX0BF
11
12
O
Receive buffer RXB0 interrupt pin or general purpose digital output
INT
12
13
O
Interrupt output pin
SCK
13
14
I
Clock input pin for SPI interface
SI
14
16
I
Data input pin for SPI interface
SO
15
17
O
Data output pin for SPI interface
CS
16
18
I
Chip select input pin for SPI interface
RESET
17
19
I
Active low device reset input
VDD
18
20
P
Positive supply for logic and I/O pins
NC
—
6,15
—
No internal connection
Note:
Type Identification: I=Input; O=Output; P=Power
MCP2510
SPI
MCP2510
MCP2510
MCP2510
INTERFACE
CAN
BUS
MCP2510
CAN
Transceiver
Node
Controller
Main
System
Controller
CAN
Transceiver
CAN
Transceiver
CAN
Transceiver
CAN
Transceiver
Node
Controller
Node
Controller
Node
Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com