Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2510 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP2510
Description  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP2510 Datasheet HTML 13Page - Microchip Technology MCP2510 Datasheet HTML 14Page - Microchip Technology MCP2510 Datasheet HTML 15Page - Microchip Technology MCP2510 Datasheet HTML 16Page - Microchip Technology MCP2510 Datasheet HTML 17Page - Microchip Technology MCP2510 Datasheet HTML 18Page - Microchip Technology MCP2510 Datasheet HTML 19Page - Microchip Technology MCP2510 Datasheet HTML 20Page - Microchip Technology MCP2510 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
 2000 Microchip Technology Inc.
Preliminary
DS21291C-page 17
MCP2510
REGISTER 3-1:
TXBNCTRL Transmit Buffer N Control Register (ADDRESS: 30h, 40h, 50h)
U-0
R-0
R-0
R-0
R/W-0
U-0
R/W-0
R/W-0
—
ABTF
MLOA
TXERR
TXREQ
—
TXP1
TXP0
R = Readable bit
W = Writable bit
C = Bit can be cleared by
MCU but not set
U = Unimplemented -
reads as ‘0’
- n = Value at POR reset
bit 7
bit 0
bit 7:
Unimplemented: Reads as ‘0’
bit 6:
ABTF: Message Aborted Flag
1 = Message was aborted
0 = Message completed transmission successfully
bit 5:
MLOA: Message Lost Arbitration
1 = Message lost arbitration while being sent
0 = Message did not lose arbitration while being sent
bit 4:
TXERR: Transmission Error Detected
1 = A bus error occurred while the message was being transmitted
0 = No bus error occurred while the message was being transmitted
bit 3:
TXREQ: Message Transmit Request
1 = Buffer is currently pending transmission
(MCU sets this bit to request message be transmitted - bit is automatically cleared when
the message is sent)
0 = Buffer is not currently pending transmission
(MCU can clear this bit to request a message abort)
bit 2:
Unimplemented: Reads as ‘0’
bit 1-0:
TXP<1:0>: Transmit Buffer Priority
11 = Highest Message Priority
10 = High Intermediate Message Priority
01 = Low Intermediate Message Priority
00 = Lowest Message Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com