Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXUVHS5 Datasheet (PDF) - OptoDiode Corp

AXUVHS5 Datasheet PDF - OptoDiode Corp
Part # AXUVHS5
Download  AXUVHS5 Download
File Size   135.46 Kbytes
Page   2 Pages
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp
Description PHOTODIODE 1 mm SMA connector Ideal for electron detection

AXUVHS5 Datasheet (PDF)

Go To PDF Page Download Datasheet
AXUVHS5 Datasheet PDF - OptoDiode Corp

Part # AXUVHS5
Download  AXUVHS5 Click to download

File Size   135.46 Kbytes
Page   2 Pages
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp
Description PHOTODIODE 1 mm SMA connector Ideal for electron detection

AXUVHS5 Datasheet (HTML) - OptoDiode Corp




Similar Part No. - AXUVHS5

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUVHS5 OPTODIODE-AXUVHS5 Datasheet
261Kb / 2P
PHOTODIODE 1 mm2
AXUVHS5 OPTODIODE-AXUVHS5_15 Datasheet
261Kb / 2P
PHOTODIODE 1 mm2
More results


Similar Description - AXUVHS5

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUV63HS1 OPTODIODE-AXUV63HS1 Datasheet
173Kb / 2P
PHOTODIODE 63 mm Circular active area Ideal for electron detection
AXUV63HS1-CH OPTODIODE-AXUV63HS1-CH Datasheet
199Kb / 2P
PHOTODIODE 63 mm Circular active area Ideal for electron detection
AXUV100G OPTODIODE-AXUV100G Datasheet
150Kb / 2P
ELECTRON DETECTION 100 mm Ideal for electron detection
AXUV576C OPTODIODE-AXUV576C Datasheet
190Kb / 2P
ELECTRON DETECTION 576 mm Square active area
AXUVHS11 OPTODIODE-AXUVHS11 Datasheet
135Kb / 2P
PHOTODIODE 1 mm SMA connector Ideal for electron detection
AXUVPS7 OPTODIODE-AXUVPS7 Datasheet
282Kb / 2P
QUAD ELECTRON DETECTOR 15 mm Ideal for electron detection
AXUV100 OPTODIODE-AXUV100 Datasheet
357Kb / 2P
ELECTRON DETECTION 100 mm2
ODD-AXU-010 OPTODIODE-ODD-AXU-010 Datasheet
217Kb / 2P
ELECTRON DETECTION 100 mm2
ODD-AXU-026 OPTODIODE-ODD-AXU-026 Datasheet
221Kb / 2P
ELECTRON DETECTION 횠5.5 mm2
ODD-AXU-048 OPTODIODE-ODD-AXU-048 Datasheet
313Kb / 2P
ELECTRON DETECTION 576 mm2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com