Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXUVHS5 Datasheet(PDF) 1 Page - OptoDiode Corp

Part # AXUVHS5
Description  PHOTODIODE 1 mm SMA connector Ideal for electron detection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

AXUVHS5 Datasheet(HTML) 1 Page - OptoDiode Corp

  AXUVHS5 Datasheet HTML 1Page - OptoDiode Corp AXUVHS5 Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
FEATURES
• SMA connector
• Ideal for electron detection
• 100% internal QE
• Ultra high speed
ELECTRO-OPTICAL CHARACTERISTICS AT 25°C
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Active Area
Responsivity, R
Reverse Breakdown Voltage, VR
Capacitance, C
Rise Time
Dark Current
THERMAL PARAMETERS
STORAGE AND OPERATING TEMPERATURE RANGE
Ambient1
Nitrogen or Vacuum
Maximum Junction Temperature
-10° TO 40°C1
-20°C TO 80°C
70°C
1Temperatures exceeding these parameters may create oxide growth on the active area.
Over time responsivity to low energy radiation and wavelengths below 150nm will be compromised.
Tighten to maximum torque of 5 inch/pounds.
Permanent damage will result if higher torque values are used and warranty is voided.
Dimensions are in inch [metric] units.
1mm x 1mm
(see graphs on next page)
IR = 1µA
VR = 0V
RL = 50 , VR = 52V
VR = 52V
55
0
1
40
700
1
mm2
A/W
Volts
pF
psec
nA
PHOTODIODE 1 mm2
AXUVHS5
Revision February 26, 2013


Similar Part No. - AXUVHS5

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUVHS5 OPTODIODE-AXUVHS5 Datasheet
261Kb / 2P
PHOTODIODE 1 mm2
AXUVHS5 OPTODIODE-AXUVHS5_15 Datasheet
261Kb / 2P
PHOTODIODE 1 mm2
More results

Similar Description - AXUVHS5

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUV63HS1 OPTODIODE-AXUV63HS1 Datasheet
173Kb / 2P
PHOTODIODE 63 mm Circular active area Ideal for electron detection
AXUV63HS1-CH OPTODIODE-AXUV63HS1-CH Datasheet
199Kb / 2P
PHOTODIODE 63 mm Circular active area Ideal for electron detection
AXUV100G OPTODIODE-AXUV100G Datasheet
150Kb / 2P
ELECTRON DETECTION 100 mm Ideal for electron detection
AXUV576C OPTODIODE-AXUV576C Datasheet
190Kb / 2P
ELECTRON DETECTION 576 mm Square active area
AXUVHS11 OPTODIODE-AXUVHS11 Datasheet
135Kb / 2P
PHOTODIODE 1 mm SMA connector Ideal for electron detection
AXUVPS7 OPTODIODE-AXUVPS7 Datasheet
282Kb / 2P
QUAD ELECTRON DETECTOR 15 mm Ideal for electron detection
AXUV100 OPTODIODE-AXUV100 Datasheet
357Kb / 2P
ELECTRON DETECTION 100 mm2
ODD-AXU-010 OPTODIODE-ODD-AXU-010 Datasheet
217Kb / 2P
ELECTRON DETECTION 100 mm2
ODD-AXU-026 OPTODIODE-ODD-AXU-026 Datasheet
221Kb / 2P
ELECTRON DETECTION 횠5.5 mm2
ODD-AXU-048 OPTODIODE-ODD-AXU-048 Datasheet
313Kb / 2P
ELECTRON DETECTION 576 mm2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com