Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICPL0601 Datasheet (PDF) - ISOCOM COMPONENTS

ICPL0601 Datasheet PDF - ISOCOM COMPONENTS
Part # ICPL0601
Download  ICPL0601 Download
File Size   608.39 Kbytes
Page   13 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description DESCRIPTION

ICPL0601 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICPL0601 Datasheet PDF - ISOCOM COMPONENTS

Part # ICPL0601
Download  ICPL0601 Click to download

File Size   608.39 Kbytes
Page   13 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description DESCRIPTION

ICPL0601 Datasheet (HTML) - ISOCOM COMPONENTS


ICPL0601 Product details

DESCRIPTION
The ICPL0600, ICPL0601 and ICPL0611 devices each consist of an infrared emitting diode, optically coupled to a high speed integrated photo detector logic gate with a strobable output.
These devices belong to Isocom Compact Range of Optocouplers.

FEATURES
• Half Pitch 1.27mm
• High Speed 10Mbit/s
• 10kV/μs min. Common Mode Transient Immunity
   (ICPL0611)
• High AC Isolation voltage 3750VRMS
• Guaranteed Performance from -40°C to 85°C
• Wide Operating Temperature Range
   -40°C to 100°C
• Logic Gate Output
• Pb Free and RoHS Compliant
• Halogen Free
• Safety Approvals Pending

APPLICATIONS
• Line Receivers, Data Communication
• LSTTL to TTL, LSTTL or 5V CMOS
• Data Multiplexing
• Pulse Transformer Replacement
• Switch Mode Power Supplies
• Ground Loop Elimination
• Computer Peripheral Interface




Similar Part No. - ICPL0601

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL0452 ISOCOM-ICPL0452 Datasheet
547Kb / 10P
DESCRIPTION
ICPL0453 ISOCOM-ICPL0453 Datasheet
547Kb / 10P
DESCRIPTION
ICPL0453SMT-R ISOCOM-ICPL0453SMT-R Datasheet
547Kb / 10P
ICPL0452 / ICPL0453 / ICPL0500 / ICPL0501
ICPL0500 ISOCOM-ICPL0500 Datasheet
547Kb / 10P
DESCRIPTION
ICPL0500SMT-R ISOCOM-ICPL0500SMT-R Datasheet
547Kb / 10P
The ICPL0452, ICPL0453, ICPL0500 and ICPL0501 devices each consist of an infrared emitting diode,
More results


Similar Description - ICPL0601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGL40N150 FAIRCHILD-SGL40N150 Datasheet
351Kb / 7P
General Description
SGR20N40L FAIRCHILD-SGR20N40L Datasheet
149Kb / 5P
General Description
logo
Aplus Intergrated Circu...
AP778 APLUS-AP778 Datasheet
684Kb / 12P
GENERAL DESCRIPTION
logo
Intel Corporation
8XC251TA INTEL-8XC251TA_1 Datasheet
94Kb / 18P
Hardware Description
logo
Alpha & Omega Semicondu...
AOWF12N60 AOSMD-AOWF12N60 Datasheet
114Kb / 1P
Marking Description
logo
Cherry Semiconductor Co...
0609-0760 CHERRY-0609-0760 Datasheet
6Mb / 8P
Description
logo
Exar Corporation
SP6205EM5-L-3-3 EXAR-SP6205EM5-L-3-3 Datasheet
1Mb / 14P
GENERAL DESCRIPTION
logo
ISOCOM COMPONENTS
ICPL0452 ISOCOM-ICPL0452 Datasheet
547Kb / 10P
DESCRIPTION
ICPL2630 ISOCOM-ICPL2630_12 Datasheet
684Kb / 9P
DESCRIPTION
logo
Japan Aviation Electron...
SJ109548 JAE-SJ109548 Datasheet
110Kb / 1P
DESCRIPTION
More results




About ISOCOM COMPONENTS


Isocom Components is a UK-based company that specializes in the design, development, and manufacture of optocouplers and optoelectronic components. The company was founded in 1982 and is headquartered in Havant, Hampshire, England.

Isocom's product portfolio includes a wide range of optocouplers, phototransistors, photodiodes, infrared (IR) sensors, and solid-state relays. These products are used in a variety of applications, including telecommunications, industrial control, medical equipment, and consumer electronics.

Isocom Components has a strong focus on research and development, and the company's products are known for their reliability, high-performance, and low power consumption. Isocom serves customers worldwide and has offices and distribution partners in Europe, North America, and Asia.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com