Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7660ACBA Datasheet (PDF) - Intersil Corporation

7660ACBA Datasheet PDF - Intersil Corporation
Part # 7660ACBA
Download  7660ACBA Download
File Size   280.91 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Voltage Converters

7660ACBA Datasheet (PDF)

Go To PDF Page Download Datasheet
7660ACBA Datasheet PDF - Intersil Corporation

Part # 7660ACBA
Download  7660ACBA Click to download

File Size   280.91 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Voltage Converters

7660ACBA Datasheet (HTML) - Intersil Corporation


7660ACBA Product details

The Intersil ICL7660 and ICL7660A are monolithic CMOS power supply circuits which offer unique performance advantages over previously available devices. The ICL7660 performs supply voltage conversions from positive to negative for an input range of +1.5V to +10.0V resulting in complementary output voltages of -1.5V to -10.0V and the ICL7660A does the same conversions with an input range of +1.5V to +12.0V resulting in complementary output voltages of -1.5V to -12.0V. Only 2 noncritical external capacitors are needed for the charge pump and charge reservoir functions. The ICL7660 and ICL7660A can also be connected to function as voltage doublers and will generate output voltages up to +18.6V with a +10V input.



Features

• Simple Conversion of +5V Logic Supply to±5V Supplies

• Simple Voltage Multiplication (VOUT= (-) nVIN)

• Typical Open Circuit Voltage Conversion Efficiency 99.9%

• Typical Power Efficiency 98%

• Wide Operating Voltage Range

- ICL7660 . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V to 10.0V

- ICL7660A . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V to 12.0V

• ICL7660A 100% Tested at 3V

• Easy to Use - Requires Only2 External Non-Critical Passive Components

• No External Diode Over Full Temp. and Voltage Range

• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - 7660ACBA

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7660 GILWAY-7660 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
Sonardyne sound in dept...
7660 SONARDYNE-7660 Datasheet
73Kb / 2P
SIPS Hi-Shock Remote Transducer
logo
IET Labs Inc.
7660 IET-7660 Datasheet
527Kb / 3P
Precision LCR Meter
February 2023
logo
Festo Corporation.
7660 FESTO-7660 Datasheet
78Kb / 1P
Cover plate
logo
3M Electronics
7660-5002BL 3M-7660-5002BL Datasheet
40Kb / 2P
Standard socket/header V low profile header right angle type
More results


Similar Description - 7660ACBA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7662 MAXIM-ICL7662 Datasheet
330Kb / 8P
CMOS Voltage Converters
19-1292; Rev 2; 7/96
logo
Intersil Corporation
ICL7660ACBAZA INTERSIL-ICL7660ACBAZA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
ICL7660CBA INTERSIL-ICL7660CBA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
logo
Maxim Integrated Produc...
SI7661CSA MAXIM-SI7661CSA Datasheet
969Kb / 8P
CMOS Voltage Converters
Rev 2; 7/96
logo
Analog Devices
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
logo
Intersil Corporation
ICL7660CBA INTERSIL-ICL7660CBA Datasheet
277Kb / 11P
CMOS Voltage Converters
October 10, 2005
logo
Tiger Electronic Co.,Lt...
ICL7660 TGS-ICL7660 Datasheet
200Kb / 10P
CMOS Voltage Converters
logo
Renesas Technology Corp
ICL7660 RENESAS-ICL7660 Datasheet
514Kb / 11P
CMOS Voltage Converters
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com