Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7660ACBA Datasheet(PDF) 9 Page - Intersil Corporation

Part # 7660ACBA
Description  CMOS Voltage Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

7660ACBA Datasheet(HTML) 9 Page - Intersil Corporation

Back Button 7660ACBA Datasheet HTML 3Page - Intersil Corporation 7660ACBA Datasheet HTML 4Page - Intersil Corporation 7660ACBA Datasheet HTML 5Page - Intersil Corporation 7660ACBA Datasheet HTML 6Page - Intersil Corporation 7660ACBA Datasheet HTML 7Page - Intersil Corporation 7660ACBA Datasheet HTML 8Page - Intersil Corporation 7660ACBA Datasheet HTML 9Page - Intersil Corporation 7660ACBA Datasheet HTML 10Page - Intersil Corporation 7660ACBA Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN3072.7
October 10, 2005
every cycle. In a typical application where fOSC = 10kHz and
C = C1 = C2 = 10µF:
RO ≅ 46 + 20 + 5 (ESRC)
Since the ESRs of the capacitors are reflected in the output
impedance multiplied by a factor of 5, a high value could
potentially swamp out a low 1/(fPUMP • C1) term, rendering an
increase in switching frequency or filter capacitance ineffective.
Typical electrolytic capacitors may have ESRs as high as 10
Ω.
RO/ ≅ 46 + 20 + 5 (ESRC)
Since the ESRs of the capacitors are reflected in the output
impedance multiplied by a factor of 5, a high value could
potentially swamp out a low 1/(fPUMP • C1) term, rendering an
increase in switching frequency or filter capacitance ineffective.
Typical electrolytic capacitors may have ESRs as high as 10
Ω.
Output Ripple
ESR also affects the ripple voltage seen at the output. The
total ripple is determined by 2 voltages, A and B, as shown in
Figure 14. Segment A is the voltage drop across the ESR of
C2 at the instant it goes from being charged by C1 (current
flow into C2) to being discharged through the load (current
flowing out of C2). The magnitude of this current change is
2
• IOUT, hence the total drop is 2• IOUT • eSRC2V. Segment
B is the voltage change across C2 during time t2, the half of
the cycle when C2 supplies current to the load. The drop at B
is lOUT • t2/C2V. The peak-to-peak ripple voltage is the sum
of these voltage drops:
Again, a low ESR capacitor will reset in a higher
performance output.
Paralleling Devices
Any number of ICL7660 and ICL7660A voltage converters
may be paralleled to reduce output resistance. The reservoir
capacitor, C2, serves all devices while each device requires
its own pump capacitor, C1. The resultant output resistance
would be approximately:
Cascading Devices
The ICL7660 and ICL7660A may be cascaded as shown to
produced larger negative multiplication of the initial supply
voltage. However, due to the finite efficiency of each device,
the practical limit is 10 devices for light loads. The output
voltage is defined by:
VOUT = -n (VIN),
where n is an integer representing the number of devices
cascaded. The resulting output resistance would be
approximately the weighted sum of the individual ICL7660
and ICL7660A ROUT values.
Changing the ICL7660/ICL7660A Oscillator
Frequency
It may be desirable in some applications, due to noise or
other considerations, to increase the oscillator frequency.
This is achieved by overdriving the oscillator from an
external clock, as shown in Figure 17. In order to prevent
possible device latchup, a 1k
Ω resistor must be used in
series with the clock output. In a situation where the
designer has generated the external clock frequency using
TTL logic, the addition of a 10k
Ω pullup resistor to V+ supply
is required. Note that the pump frequency with external
clocking, as with internal clocking, will be 1/2 of the clock
frequency. Output transitions occur on the positive-going
edge of the clock.
It is also possible to increase the conversion efficiency of the
ICL7660 and ICL7660A at low load levels by lowering the
oscillator frequency. This reduces the switching losses, and is
shown in Figure 18. However, lowering the oscillator
frequency will cause an undesirable increase in the
impedance of the pump (C1) and reservoir (C2) capacitors;
this is overcome by increasing the values of C1 and C2 by the
same factor that the frequency has been reduced. For
example, the addition of a 100pF capacitor between pin 7
(OSC) and V+ will lower the oscillator frequency to 1kHz from
its nominal frequency of 10kHz (a multiple of 10), and thereby
necessitate a corresponding increase in the value of C1 and
C2 (from 10µF to 100µF).
RO ≅ 2 (23) +
1
+ 4 (ESRC1) + ESRC2
(5
• 103) (10-5)
RO ≅ 2 (23) +
1
+ 4 (ESRC1) + ESRC2
(5
• 103) (10-5)
VRIPPLE
≅
[
1
+ 2 (ESRC2)
]I
OUT
2 (fPUMP) (C2)
ROUT =
ROUT (of ICL7660/ICL7660A)
n (number of devices)
1
2
3
4
8
7
6
5
+
-
10
µF
ICL7660
VOUT
V+
+
-
10
µF
V+
CMOS
GATE
1k
Ω
ICL7660A
FIGURE 17. EXTERNAL CLOCKING
ICL7660, ICL7660A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com