Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM802149 Datasheet (PDF) - Micrel Semiconductor

SM802149 Datasheet PDF - Micrel Semiconductor
Part # SM802149
Download  SM802149 Download
File Size   412.02 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer

SM802149 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM802149 Datasheet PDF - Micrel Semiconductor

Part # SM802149
Download  SM802149 Click to download

File Size   412.02 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer

SM802149 Datasheet (HTML) - Micrel Semiconductor


SM802149 Product details

General Description
The SM802149 is a member of the ClockWorks family of
devices from Micrel and provides an extremely low-noise
timing solution. It is based on a unique patented
ClockWorks Flex architecture that provides very low phase
noise.
The device operates from a 3.3V or 2.5V power supply and synthesizes eight differential LVDS clocks, four at 156.25MHz and four at 3125MHz, or four at 78.125MHz and four at 156.25MHz.
The SM802149 accepts a 26.04166MHz crystal or external LVCMOS input.

Features
• Generates eight differential LVDS clocks: either four at 156.25MHz and four at 312.5MHz, or four at 78.125MHz and four at 156.25MHz
• 2.5V or 3.3V operating range
• Typical phase jitter (1.875MHz to 20MHz): 99fs
• Industrial temperature range
• Green, RoHS, and PFOS compliant
• Available in 44-pin 7mm × 7mm QFN package




Similar Part No. - SM802149

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802141 MICREL-SM802141 Datasheet
395Kb / 13P
Ultra-Low Jitter, LVPECL Frequency
SM802141UMG MICREL-SM802141UMG Datasheet
395Kb / 13P
Ultra-Low Jitter, LVPECL Frequency
SM802141UMGTR MICREL-SM802141UMGTR Datasheet
395Kb / 13P
Ultra-Low Jitter, LVPECL Frequency
More results


Similar Description - SM802149

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-LC735RGB-156 FOX-FXO-LC735RGB-156 Datasheet
199Kb / 2P
LVDS 7 x 5mm 3.3V 50ppm XO Freq: 156.25MHz
logo
Micrel Semiconductor
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802128 MICREL-SM802128 Datasheet
267Kb / 12P
ClockWorks課? 10GbE Octal 156.25MHz,312.5MHz, Ultra-Low Jitter, LVPECL
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Pericom Semiconductor C...
PRETHE156 PERICOM-PRETHE156 Datasheet
899Kb / 2P
3.3V PECL 156.25MHz Ethernet VCXO
logo
Microchip Technology
MX553BBB156M250 MICROCHIP-MX553BBB156M250 Datasheet
1Mb / 4P
Ultra-Low Jitter 156.25MHz LVDS XO
December 05, 2017 Revision 1.0
logo
Micrel Semiconductor
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
Ultra-low Jitter 156.25MHz LVPECL XO
logo
Renesas Technology Corp
841S104I-02 RENESAS-841S104I-02 Datasheet
514Kb / 21P
Crystal-to-HCSL 156.25MHz or 155.52MHz Clock Synthesizer
8/14/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com