Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF927T1 Datasheet (PDF) - Motorola, Inc

MRF927T1 Datasheet PDF - Motorola, Inc
Part # MRF927T1
Download  MRF927T1 Download
File Size   165.0 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW NOISE HIGH FREQUENCY TRANSISTOR

MRF927T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF927T1 Datasheet PDF - Motorola, Inc

Part # MRF927T1
Download  MRF927T1 Click to download

File Size   165.0 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW NOISE HIGH FREQUENCY TRANSISTOR

MRF927T1 Datasheet (HTML) - Motorola, Inc


MRF927T1 Product details

The RF Small Signal Line

NPN Silicon Low Voltage, Low Current, Low Noise, High-Frequency Transistors



 Designed for use in low voltage, low current applications at frequencies to 2.0 GHz. Specifically aimed at portable communication devices such as pagers and hand–held phones.

 

• High Gain (GUmax15 dB Typ @ 1.0 GHz) @ 1.0 mA

• Small, Surface–Mount Package (SC–70)

• High Current Gain–Bandwidth Product at Low Current, Low Voltage (fτ = 8.0 GHz Typ @ 3.0 V, 5.0 mA)

• Available in Tape and Reel by Adding T1 or T3 Suffix to Part Number.

   T1 Suffix = 3,000 Units per 8 mm, 7 inch Reel.

   T3 Suffix = 10,000 Units per 8 mm, 7 inch Reel.




Similar Part No. - MRF927T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9200LR3 FREESCALE-MRF9200LR3 Datasheet
775Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
MRF9200LR3 FREESCALE-MRF9200LR3 Datasheet
458Kb / 12P
880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
MRF9200LR3 FREESCALE-MRF9200LR3_06 Datasheet
458Kb / 12P
880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
MRF9200LSR3 FREESCALE-MRF9200LSR3 Datasheet
775Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
MRF9200LSR3 FREESCALE-MRF9200LSR3 Datasheet
458Kb / 12P
880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
More results


Similar Description - MRF927T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
MRF917T1 MOTOROLA-MRF917T1 Datasheet
252Kb / 12P
LOW NOISE HIGH FREQUENCY TRANSISTOR
logo
NEC
2SC2369 NEC-2SC2369 Datasheet
35Kb / 1P
High Frequency Low Noise Amplifier
logo
Unisonic Technologies
2SC3355 UTC-2SC3355 Datasheet
107Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
NTE Electronics
NTE2662 NTE-NTE2662 Datasheet
78Kb / 2P
Silicon NPN Transistor High Frequency, Low Noise RF
logo
Unisonic Technologies
2SC3355 UTC-2SC3355_11 Datasheet
82Kb / 2P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Sanyo Semicon Device
MCH4016 SANYO-MCH4016 Datasheet
84Kb / 10P
High-Frequency Low-Noise Amplifier
logo
Leshan Radio Company
L2SC5635LT1G LRC-L2SC5635LT1G Datasheet
1Mb / 3P
High-Frequency Amplifier Transistor High gain,low noise
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com