Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9820T1 Datasheet (PDF) - Motorola, Inc

MRF9820T1 Datasheet PDF - Motorola, Inc
Part # MRF9820T1
Download  MRF9820T1 Download
File Size   75.84 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SURFACE MOUNT LOW NOISE ENHANCEMENT MODE GaAs CASCODE

MRF9820T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF9820T1 Datasheet PDF - Motorola, Inc

Part # MRF9820T1
Download  MRF9820T1 Click to download

File Size   75.84 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SURFACE MOUNT LOW NOISE ENHANCEMENT MODE GaAs CASCODE

MRF9820T1 Datasheet (HTML) - Motorola, Inc


MRF9820T1 Product details

The RF Small Signal Line
GaAs MESFET AGC Amplifier

The MRF9820T1 is a high performance GaAs AGC amplifier suitable for use in low noise front end amplifier or downconverter applications. The device contains two enhancement mode MESFETs connected in cascode to allow access to both gates for gain control or injection of LO signals. This device is well suited for low voltage, low current front–end applications such as paging, cellular, GSM, DECT, and other portable wireless systems.

• Low Noise Figure: 1.5 dB @ 940 MHz, 1 mA
• Built In ESD Protection
• Does Not Require a Negative Supply Voltage
• RF Power Gain 16 dB @ 940 MHz, 1 mA
• High Third Order Intercept Point
• Industry Standard SOT–143 Surface Mount Package
• Order MRF9820T1 for Tape and Reel Packaging.
   T1 Suffix = 3,000 Units per 8 mm, 7 inch Reel.




Similar Part No. - MRF9820T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9822T1 MOTOROLA-MRF9822T1 Datasheet
68Kb / 4P
HIGH FREQUENCY POWER TRANSISTOR GaAs PHEMT
More results


Similar Description - MRF9820T1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF54143 HP-ATF54143 Datasheet
154Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
MGA-665P8 HP-MGA-665P8 Datasheet
188Kb / 14P
GaAs Enhancement-Mode PHEMT 0.5 - 6 GHz Low Noise Amplifier
ATF-58143 HP-ATF-58143 Datasheet
149Kb / 10P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-54143 AVAGO-ATF-54143 Datasheet
142Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-55143-TR1G AVAGO-ATF-55143-TR1G Datasheet
164Kb / 20P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
MGA-665P8 BOARDCOM-MGA-665P8 Datasheet
214Kb / 13P
GaAs Enhancement-Mode PHEMT 0.5 ??6 GHz Low Noise Amplifier
DEMO-ATF-5X143 BOARDCOM-DEMO-ATF-5X143 Datasheet
142Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
DEMO-MGA-665P8A BOARDCOM-DEMO-MGA-665P8A Datasheet
214Kb / 13P
GaAs Enhancement-Mode PHEMT 0.5 ??6 GHz Low Noise Amplifier
logo
NXP Semiconductors
MBC13916 NXP-MBC13916 Datasheet
492Kb / 16P
General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 2.2, 05/2006
MBC13917 NXP-MBC13917 Datasheet
1Mb / 40P
General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 1.0, 12/2010
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com