Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5669R Datasheet (PDF) - Analog Devices

AD5669R Datasheet PDF - Analog Devices
Part # AD5669R
Download  AD5669R Download
File Size   1166.37 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference

AD5669R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5669R Datasheet PDF - Analog Devices

Part # AD5669R
Download  AD5669R Click to download

File Size   1166.37 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference

AD5669R Datasheet (HTML) - Analog Devices


AD5669R Product details

GENERAL DESCRIPTION
The AD5629R/AD5669R devices are low power, octal, 12-/16-bit, buffered voltage-output DACs. All devices are guaranteed monotonic by design.

FEATURES
    Low power octal DACs
        AD5629R: 12 bits
        AD5669R: 16 bits
    2.6 mm × 2.6 mm 16-ball WLCSP
    4 mm × 4 mm 16-lead LFCSP and 16-lead TSSOP
    On-chip 1.25 V/2.5 V, 5 ppm/°C reference
    Power down to 400 nA at 5 V, 200 nA at 3 V
    2.7 V to 5.5 V power supply
    Guaranteed monotonic by design
    Power-on reset to zero scale or midscale
    3 power-down functions
    Hardware LDAC and CLR functions
    I2C-compatible serial interface supports standard (100 kHz) and fast (400 kHz) modes

APPLICATIONS
    Process control
    Data acquisition systems
    Portable battery-powered instruments
    Digital gain and offset adjustment
    Programmable voltage and current sources




Similar Part No. - AD5669R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5669RACPZ-2-RL7 AD-AD5669RACPZ-2-RL7 Datasheet
1Mb / 30P
Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
6/2018-Rev. E to Rev. F
AD5669RACPZ-3-RL7 AD-AD5669RACPZ-3-RL7 Datasheet
1Mb / 30P
Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
6/2018-Rev. E to Rev. F
AD5669RARUZ-1 AD-AD5669RARUZ-1 Datasheet
1Mb / 30P
Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
6/2018-Rev. E to Rev. F
AD5669RARUZ-1-RL7 AD-AD5669RARUZ-1-RL7 Datasheet
1Mb / 30P
Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
6/2018-Rev. E to Rev. F
AD5669RBCBZ-1-R5 AD-AD5669RBCBZ-1-R5 Datasheet
1Mb / 30P
Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
6/2018-Rev. E to Rev. F
More results


Similar Description - AD5669R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5672R AD-AD5672R Datasheet
865Kb / 34P
Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
Rev. B
AD5629R AD-AD5629R_18 Datasheet
1Mb / 30P
Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
6/2018-Rev. E to Rev. F
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com