Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

65039 Datasheet (PDF) - FCI connector

65039 Datasheet PDF - FCI connector
Part # 65039
Download  65039 Download
File Size   129.26 Kbytes
Page   2 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description MINI LATCH SR POLARIZED HSG 2.54mm

65039 Datasheet (PDF)

Go To PDF Page Download Datasheet
65039 Datasheet PDF - FCI connector

Part # 65039
Download  65039 Click to download

File Size   129.26 Kbytes
Page   2 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description MINI LATCH SR POLARIZED HSG 2.54mm

65039 Datasheet (HTML) - FCI connector




Similar Part No. - 65039

ManufacturerPart #DatasheetDescription
logo
FCI connector
65039-001 FCI-CONNECTOR-65039-001 Datasheet
749Kb / 2P
MINI LATCH HOUSING SINGLE ROW 100 2.54 CC
65039-001LF FCI-CONNECTOR-65039-001LF Datasheet
91Kb / 2P
MICI LATCH SR POLARIZED HSG 2.54mm
65039-002 FCI-CONNECTOR-65039-002 Datasheet
749Kb / 2P
MINI LATCH HOUSING SINGLE ROW 100 2.54 CC
65039-002LF FCI-CONNECTOR-65039-002LF Datasheet
91Kb / 2P
MICI LATCH SR POLARIZED HSG 2.54mm
65039-003 FCI-CONNECTOR-65039-003 Datasheet
749Kb / 2P
MINI LATCH HOUSING SINGLE ROW 100 2.54 CC
More results


Similar Description - 65039

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42817 MOLEX-42817 Datasheet
158Kb / 2P
10.00mm (.393") Pitch Mini-Fit, Sr.?
22-01-1024 MOLEX11-22-01-1024 Datasheet
80Kb / 1P
MINI SPOX HSG
logo
FCI connector
65043-033LF FCI-CONNECTOR-65043-033LF Datasheet
126Kb / 2P
MINI LATCH HOUSING DOUBLE ROW 2.54mm
65039-035LF FCI-CONNECTOR-65039-035LF Datasheet
91Kb / 2P
MICI LATCH SR POLARIZED HSG 2.54mm
65846-010LF FCI-CONNECTOR-65846-010LF Datasheet
85Kb / 2P
MINI LATCH DR POLARIZED HSG 2.54mm
65846-010ELF FCI-CONNECTOR-65846-010ELF Datasheet
260Kb / 3P
MINI LATCH HOUSING DOUBLE ROW POLARIZED
logo
PANDUIT CORP.
CMDSAQLCZBL PANDUIT-CMDSAQLCZBL Datasheet
73Kb / 2P
LC Sr./Sr. Mini-Com짰 Fiber Optic Adapter Modules
logo
FCI connector
67955-003LF FCI-CONNECTOR-67955-003LF Datasheet
147Kb / 2P
POLARIZED M/L HSG SHROUD
69176-012LF FCI-CONNECTOR-69176-012LF Datasheet
91Kb / 3P
MINI LATCH HOUSING DR POL 2.54mm x 2.54mm
logo
Molex Electronics Ltd.
63891-1200 MOLEX11-63891-1200 Datasheet
44Kb / 1P
Mini-Mac Applicator for Mini-Fit Sr. Terminals
More results




About FCI connector


FCI connector is a type of electrical connector produced by FCI (Framatome Connectors International), a manufacturer of connectors and interconnect systems for a variety of industries, including telecommunications, consumer electronics, automotive, industrial, and aerospace.

FCI connectors are designed to provide a reliable and secure electrical connection between two devices or components. They come in a wide range of sizes and configurations to accommodate different applications and requirements, and they are commonly used in printed circuit boards (PCBs), backplanes, and other electronic systems.

Some of the key features of FCI connectors include their durability, high speed and signal integrity, low profile, and ease of installation. They are also designed to withstand harsh environments, such as high temperatures and vibrations.

FCI offers a broad portfolio of connectors, including board-to-board connectors, wire-to-board connectors, input/output (I/O) connectors, and power connectors. The company also provides a range of engineering and design services to help customers develop custom connectors and interconnect solutions for their specific needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com