Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

69176-012LF Datasheet (PDF) - FCI connector

69176-012LF Datasheet PDF - FCI connector
Part # 69176-012LF
Download  69176-012LF Download
File Size   91.65 Kbytes
Page   3 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description MINI LATCH HOUSING DR POL 2.54mm x 2.54mm

69176-012LF Datasheet (PDF)

Go To PDF Page Download Datasheet
69176-012LF Datasheet PDF - FCI connector

Part # 69176-012LF
Download  69176-012LF Click to download

File Size   91.65 Kbytes
Page   3 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description MINI LATCH HOUSING DR POL 2.54mm x 2.54mm

69176-012LF Datasheet (HTML) - FCI connector




Similar Part No. - 69176-012LF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
691709710303 ONSEMI-691709710303 Datasheet
284Kb / 22P
1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
July, 2024 - Rev. 1
691709710305 ONSEMI-691709710305 Datasheet
284Kb / 22P
1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
July, 2024 - Rev. 1
logo
FCI connector
69173-XYY FCI-CONNECTOR-69173-XYY Datasheet
707Kb / 8P
BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
logo
List of Unclassifed Man...
69173-XYY ETC2-69173-XYY Datasheet
707Kb / 8P
BERGSTIK II HEADER 100 2.54cc SR STRAIGHT
logo
FCI connector
69173-XYY FCI-CONNECTOR-69173-XYY Datasheet
707Kb / 8P
BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
More results


Similar Description - 69176-012LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
C-BMJ-0102 FCI-CONNECTOR-C-BMJ-0102 Datasheet
146Kb / 1P
8 POL SHALLOW LATCH CONNECTOR
65043 FCI-CONNECTOR-65043 Datasheet
659Kb / 11P
MINI LATCH HOUSING DOUBLE ROW .100
75168-101-02LF FCI-CONNECTOR-75168-101-02LF Datasheet
144Kb / 2P
HEADER, SR, RA, POL, 2.54mm
65043-033LF FCI-CONNECTOR-65043-033LF Datasheet
126Kb / 2P
MINI LATCH HOUSING DOUBLE ROW 2.54mm
65039 FCI-CONNECTOR-65039 Datasheet
129Kb / 2P
MINI LATCH SR POLARIZED HSG 2.54mm
65039-035LF FCI-CONNECTOR-65039-035LF Datasheet
749Kb / 2P
MINI LATCH HOUSING SINGLE ROW 100 2.54 CC
54602-908LF FCI-CONNECTOR-54602-908LF Datasheet
146Kb / 1P
8 POL SHALLOW LATCH CONNECTOR
65846-010LF FCI-CONNECTOR-65846-010LF Datasheet
85Kb / 2P
MINI LATCH DR POLARIZED HSG 2.54mm
65846-010ELF FCI-CONNECTOR-65846-010ELF Datasheet
260Kb / 3P
MINI LATCH HOUSING DOUBLE ROW POLARIZED
75168 FCI-CONNECTOR-75168 Datasheet
144Kb / 2P
HEADER SR RA POL 2.54mm
More results




About FCI connector


FCI connector is a type of electrical connector produced by FCI (Framatome Connectors International), a manufacturer of connectors and interconnect systems for a variety of industries, including telecommunications, consumer electronics, automotive, industrial, and aerospace.

FCI connectors are designed to provide a reliable and secure electrical connection between two devices or components. They come in a wide range of sizes and configurations to accommodate different applications and requirements, and they are commonly used in printed circuit boards (PCBs), backplanes, and other electronic systems.

Some of the key features of FCI connectors include their durability, high speed and signal integrity, low profile, and ease of installation. They are also designed to withstand harsh environments, such as high temperatures and vibrations.

FCI offers a broad portfolio of connectors, including board-to-board connectors, wire-to-board connectors, input/output (I/O) connectors, and power connectors. The company also provides a range of engineering and design services to help customers develop custom connectors and interconnect solutions for their specific needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com