Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C256B-12F1 Datasheet (PDF) - STMicroelectronics

M27C256B-12F1 Datasheet PDF - STMicroelectronics
Part # M27C256B-12F1
Download  M27C256B-12F1 Download
File Size   203.4 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM

M27C256B-12F1 Datasheet (PDF)

Go To PDF Page Download Datasheet
M27C256B-12F1 Datasheet PDF - STMicroelectronics

Part # M27C256B-12F1
Download  M27C256B-12F1 Click to download

File Size   203.4 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM

M27C256B-12F1 Datasheet (HTML) - STMicroelectronics


M27C256B-12F1 Product details

Summary description
The M27C256B is a 256 Kbit EPROM offered in the two ranges UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for microprocessor systems and is organized as 32,768 by 8 bits.
The FDIP28W (window ceramic frit-seal package) has a transparent lid which allows the user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be written to the device by following the programming procedure.
For applications where the content is programmed only one time and erasure is not required, the M27C256B is offered in PDIP28 and PLCC32 packages.
LButtonIn order to meet environmental requirements, ST offers the M27C256B in ECOPACK® packages.
ECOPACK packages are Lead-free. The category of second Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.

Feature summary
■ 5V ± 10% supply voltage in Read operation
■ Access time: 45ns
■ Low power consumption:
   – Active Current 30mA at 5MHz
   – Standby Current 100µA
■ Programming voltage: 12.75V ± 0.25V
■ Programming time: 100µs/Word
■ Electronic signature
   – Manufacturer Code: 20h
   – Device Code: 8Dh
■ ECOPACK® packages available




Similar Part No. - M27C256B-12F1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B-12F1TR STMICROELECTRONICS-M27C256B-12F1TR Datasheet
113Kb / 16P
256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
29-Aug-2002
M27C256B-12F1TR STMICROELECTRONICS-M27C256B-12F1TR Datasheet
197Kb / 24P
256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
18-May-2006
M27C256B-12F1X STMICROELECTRONICS-M27C256B-12F1X Datasheet
113Kb / 16P
256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
29-Aug-2002
More results


Similar Description - M27C256B-12F1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
29-Aug-2002
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
Mar-1998
M27V256 STMICROELECTRONICS-M27V256 Datasheet
103Kb / 15P
256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
M27W256 STMICROELECTRONICS-M27W256 Datasheet
101Kb / 15P
256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
Mar-2000
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
08-Nov-2004
M27C256B STMICROELECTRONICS-M27C256B_06 Datasheet
197Kb / 24P
256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
18-May-2006
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
18-May-2007
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
23-May-2006
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
12-Apr-2006
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
12-Apr-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com